Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS8854-25CA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS8854-25CA
Description  350mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8854-25CA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS8854-25CA Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8854-25CA Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8854-25CA Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8854-25CA Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8854-25CA Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8854-25CA Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8854-25CA Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8854-25CA Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8854-25CA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FS8854
350mA LDO Linear Regulator
Fortune Semiconductor Corp.
TEL : +886-2-2809-4742
2/13
TD-0410025
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
P
Piin
n C
Coon
nffiiggu
urraattiioon
nss
(BOTTOM VIEW)
P
Paacck
kaaggee M
Maarrk
kiin
ngg IIn
nffoorrm
maattiioon
n
SOT-23
TO-92 & SOT-89
EX:FS8854-33CC
Top Point:Lot No.
Bottom Point:Year
w : week, A~Z & A ~ Z
EX:FS8854-33CL
xxxx:Date Code
EX:FS8854-33PC
Top Point:Lot No.
Bottom Point:Year
w : week, A~Z & A ~ Z
A dot after marking : Pb/P Free
EX:FS8854-33PL
xxxx:Date Code
FS8854
xxCxxxxx
1
2
3
1
2
3
SOT-23
SOT-89
Part No. Pin 1 Pin 2 Pin 3
FS8854
-xxxD
IN
GND OUT
FS8854
-xxxE
GND
IN
OUT
FS8854
-xxxF
OUT GND
IN
FS8854
-xxxW
GND OUT
IN
Part No. Pin 1 Pin 2 Pin 3
FS8854
-xxxA
IN
GND OUT
FS8854
-xxxB
GND
IN
OUT
FS8854
-xxxC
GND OUT
IN
FS8854
-xxxV
OUT GND
IN
Part No. Pin 1 Pin 2 Pin 3
FS8854
-xxxK
IN
GND OUT
FS8854
-xxxL
GND
IN
OUT
FS8854
-xxxI
OUT GND
IN
FS8854
-xxxY
GND OUT
IN
TO-92
1
2
3
. . . . .
4xxx W
. . . .
FS8854
33CLxxxx
. . . . .
433C
. . . W
. . . . .
433C
.
. . . W
FS8854
33PLxxxx


Similar Part No. - FS8854-25CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853-13CA ETC-FS8853-13CA Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CB ETC-FS8853-13CB Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CC ETC-FS8853-13CC Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
More results

Similar Description - FS8854-25CA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5952 TI-LP5952_15 Datasheet
1Mb / 22P
[Old version datasheet]   350mA Dual Rail Linear Regulator
logo
ams AG
AS1372 AMSCO-AS1372 Datasheet
855Kb / 14P
   350mA Dual Rail Linear Regulator
logo
Texas Instruments
LP5952 TI1-LP5952_14 Datasheet
1Mb / 27P
[Old version datasheet]   350mA Dual Rail Linear Regulator
logo
National Semiconductor ...
LP5952 NSC-LP5952_08 Datasheet
3Mb / 16P
   350mA Dual Rail Linear Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com