Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL2844BP Datasheet(PDF) 9 Page - Texas Instruments

Part # TL2844BP
Description  HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL2844BP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL2844BP Datasheet HTML 5Page - Texas Instruments TL2844BP Datasheet HTML 6Page - Texas Instruments TL2844BP Datasheet HTML 7Page - Texas Instruments TL2844BP Datasheet HTML 8Page - Texas Instruments TL2844BP Datasheet HTML 9Page - Texas Instruments TL2844BP Datasheet HTML 10Page - Texas Instruments TL2844BP Datasheet HTML 11Page - Texas Instruments TL2844BP Datasheet HTML 12Page - Texas Instruments TL2844BP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
-60
-50
-40
-30
-20
-10
0
0
20
40
60
80
100
120
140
160
Isrc – Source Current – mA
TA = -40°C
TA = 25°C
TA = 125°C
4.8
4.85
4.9
4.95
5
5.05
5.1
5.15
5.2
-55
-30
-5
20
45
70
95
120
145
TA – Temperature – °C
40
60
80
100
120
140
160
180
-55
-30
-5
20
45
70
95
120
145
TA – Temperature – °C
VIN = 15 V
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
600
700
800
IO – Output Load Current – mA
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
Source Saturation
Sink Saturation
TA = 25°C
TA = -55°C
TA = -55°C
TA = 25°C
TL284xB, TL384xB
HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
SLVS610A – AUGUST 2006 – REVISED SEPTEMBER 2006
TYPICAL CHARACTERISTICS (continued)
REFERENCE VOLTAGE
REFERENCE VOLTAGE
vs
vs
SOURCE CURRENT
TEMPERATURE
REFERENCE SHORT-CIRCUIT CURRENT
OUTPUT SATURATION VOLTAGE
vs
vs
TEMPERATURE
LOAD CURRENT
9
Submit Documentation Feedback


Similar Part No. - TL2844BP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL2844BP TI-TL2844BP Datasheet
339Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
TL2844BP TI1-TL2844BP Datasheet
729Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results

Similar Description - TL2844BP

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL384XBP8 CYSTEKEC-PL384XBP8 Datasheet
278Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2844-45 UTC-UC2844-45 Datasheet
295Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Gamma Microelectronics ...
GM3842A GAMMA-GM3842A Datasheet
628Kb / 19P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Unisonic Technologies
UC2844 UTC-UC2844_16 Datasheet
228Kb / 6P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2844 UTC-UC2844_12 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC2843B UTC-UC2843B_15 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2845 UTC-UC2845_15 Datasheet
294Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
UC3844 UTC-UC3844 Datasheet
298Kb / 7P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLERS
logo
Cystech Electonics Corp...
PL384XAQ8 CYSTEKEC-PL384XAQ8 Datasheet
281Kb / 15P
   High Performance Current Mode PWM Controllers
logo
Unisonic Technologies
UC2843B UTC-UC2843B_13 Datasheet
285Kb / 8P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
UC2843B UTC-UC2843B Datasheet
210Kb / 9P
   HIGH-PERFORMANCE CURRENT-MODE PWM CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com