Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


RA07M3843M Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. RA07M3843M
Description  RoHS Compliance , 378-430MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 6 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA07M3843M
RA07M3843M
MITSUBISHI ELECTRIC
24 Jan 2006
6/8
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Spectrum
Analyzer
Power
Meter
Attenuator
Directional
Coupler
C1, C2: 4700pF, 22uF in parallel
Signal
Generator
Attenuator
Pre-
amplifier
Attenuator
Power
Meter
Directional
Coupler
4
3
2
1
ZL=50Ω
+
-
DC Power
Supply VDD
C2
ZG=50Ω
-
+
DC Power
Supply VGG
C1
5
DUT
TEST BLOCK DIAGRAM
1 RF Input (Pin)
2 Gate Voltage (VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)
EQUIVALENT CIRCUIT
2
3
1
5
4




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WM8987LStereo CODEC for Portable Audio Applications 1 2 3 4 5 MoreWolfson Microelectronics plc
NST489AMT1High Current Surface Mount NPN Silicon Low VCE sat Switching Transistor for Load Management in Portable Applications 1 2 3 4 ON Semiconductor
TEA5767HNLow-power FM stereo radio for handheld applications 1 2 3 4 5 MoreNXP Semiconductors
TEA5767HLLow-power FM stereo radio for handheld applications 1 2 3 4 5 MoreNXP Semiconductors
MCB7702M-Pixel CMOS Camera Module with Autofocus Function for Mobile Equipment 1 2 Sony Corporation
ESD5B5.0ST1GTransient Voltage Suppressor Bi-directional Micro-Packaged Diode for ESD Protection 1 2 3 ON Semiconductor
SRDA05-4R2Low Capacitance Surface Mount TVS for High−Speed Data Interfaces 1 2 3 4 5 MoreON Semiconductor
ADA4411-3Integrated Triple Video Filter and Buffer with Selectable Cutoff Frequencies and Multiplexed Inputs for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices
MSA-RM-1Replacement Relay Modules for MINI-SCREEN and MICRO-SCREEN Metal Boxes 1 List of Unclassifed Manufacturers
CDB4350Evaluation Board for CS4350 1 2 3 4 5 MoreCirrus Logic

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl