Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9174 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9174
Description  Triple Linear Regulator Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9174 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9174 Datasheet HTML 1Page - Richtek Technology Corporation RT9174 Datasheet HTML 2Page - Richtek Technology Corporation RT9174 Datasheet HTML 3Page - Richtek Technology Corporation RT9174 Datasheet HTML 4Page - Richtek Technology Corporation RT9174 Datasheet HTML 5Page - Richtek Technology Corporation RT9174 Datasheet HTML 6Page - Richtek Technology Corporation RT9174 Datasheet HTML 7Page - Richtek Technology Corporation RT9174 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Preliminary
RT9174
DS9174-00 April 2001
www.richtek-ic.com.tw
5
Typical Operating Charateristics
Reference vs Tempature
0.78
0.79
0.80
0.81
0.82
-50
-10
30
70
110
150
Temperature ( C)
°
VDD = 5V
Driver Sourcing vs Drop Out
0
50
100
150
200
250
300
0
1
2
345
VDD - VDRI1,2,3 (Volt)
VDD = 5V
-20
°C
25
°C
85
°C
Tri-Sate Vth vs Temperature
0.8
1.0
1.2
1.4
1.6
-50
-10
30
70
110
150
Temperature( C)
°
VDD = 5V
Supply Current vs Temperature
0.4
0.6
0.8
1
1.2
1.4
345
678
VDD (Volt)
25
°C
85
°C
-20
°C
VDD = 5V
Driver Sinking vs VOUT
10
20
30
40
50
01
23
45
VOUT (Volt)
-20
°C
25
°C
85
°C
Short Current vs Temperature
100
150
200
250
300
350
400
-50
-20
10
40
70
100
130
Temperature ( C)
VDD = 5V
°


Similar Part No. - RT9174

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174 Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174GS RICHTEK-RT9174GS Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174PS RICHTEK-RT9174PS Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
   Triple Linear Regulator Controllers
More results

Similar Description - RT9174

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
logo
Semtech Corporation
SC1112 SEMTECH-SC1112 Datasheet
338Kb / 21P
   Triple Low Dropout Regulator Controllers
SC1112 SEMTECH-SC1112_06 Datasheet
353Kb / 23P
   Triple Low Dropout Regulator Controllers
logo
Analog Intergrations Co...
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
   5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Anpec Electronics Corop...
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Texas Instruments
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com