Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9174 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9174
Description  Triple Linear Regulator Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9174 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9174 Datasheet HTML 1Page - Richtek Technology Corporation RT9174 Datasheet HTML 2Page - Richtek Technology Corporation RT9174 Datasheet HTML 3Page - Richtek Technology Corporation RT9174 Datasheet HTML 4Page - Richtek Technology Corporation RT9174 Datasheet HTML 5Page - Richtek Technology Corporation RT9174 Datasheet HTML 6Page - Richtek Technology Corporation RT9174 Datasheet HTML 7Page - Richtek Technology Corporation RT9174 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RT9174
Preliminary
www.richtek-ic.com.tw
DS9174-00 April 2001
4
Absolute Maximum Ratings
Input Voltage VDD
8V
Feedback FB1/FB2/FB3
-0.3 ~ 8V
Driver DRI1/DRI2/DRI3
-0.3 ~ 12V
Power Dissipation, PD @ TA = 25
°C
SOP-8
0.625W
Package Thermal Resistance
SOP-8,
θJA
160
°C/W
Operating Junction Temperature Range
-40
°C ~ 125°C
Storage Temperature Range
65
°C ~ 150°C
Electrical Characteristics
(VDD = 5V, CIN = 1
µF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Supply Current
IDD
No Load
0.8
2
mA
Feedback Reference Voltage VREF
No Load
0.78
0.8
0.82
V
Line Regulation
∆VLINE
VDD = 4V~7V
210
mV
Source 100mA, DRI1/DRI2/DRI3 = 2.5V
510
Load Regulation
∆VLOAD
Sink 5mA, DRI1/DRI2/DRI3 = 2.5V
10
15
mV
Sourcing, DRI1/DRI2/DRI3 = 2.5V
100
Driving Capability
IO
Sink DRI1/DRI2/DRI3 = 2.5V
5
mA
Sourcing, DRI1/DRI2/DRI3 = 2.5V
300
700
Driver Current Limiting
ICL
Sink DRI1/DRI2/DRI3 = 2.5V
40
150
mA
Driver Tri-State Threshold
VTS
Sweep FB1/FB2/FB3 to Driver Output Off
1.0
1.35
2.0
V
Thermal Limit
150
°C
Power On Reset Voltage
POR
2.4
V


Similar Part No. - RT9174

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174 Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174GS RICHTEK-RT9174GS Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174PS RICHTEK-RT9174PS Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
   Triple Linear Regulator Controllers
More results

Similar Description - RT9174

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
logo
Semtech Corporation
SC1112 SEMTECH-SC1112 Datasheet
338Kb / 21P
   Triple Low Dropout Regulator Controllers
SC1112 SEMTECH-SC1112_06 Datasheet
353Kb / 23P
   Triple Low Dropout Regulator Controllers
logo
Analog Intergrations Co...
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
   5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Anpec Electronics Corop...
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Texas Instruments
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com