Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT075104F101A Datasheet(PDF) 8 Page - Sharma Electro Components,Inc

Part # MKT075104F101A
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT075104F101A Datasheet(HTML) 8 Page - Sharma Electro Components,Inc

Back Button MKT075104F101A Datasheet HTML 4Page - Sharma Electro Components,Inc MKT075104F101A Datasheet HTML 5Page - Sharma Electro Components,Inc MKT075104F101A Datasheet HTML 6Page - Sharma Electro Components,Inc MKT075104F101A Datasheet HTML 7Page - Sharma Electro Components,Inc MKT075104F101A Datasheet HTML 8Page - Sharma Electro Components,Inc MKT075104F101A Datasheet HTML 9Page - Sharma Electro Components,Inc MKT075104F101A Datasheet HTML 10Page - Sharma Electro Components,Inc MKT075104F101A Datasheet HTML 11Page - Sharma Electro Components,Inc MKT075104F101A Datasheet HTML 12Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Voltage
100 V DC / 63 V AC
160 V DC / 90 V AC
250 V DC / 160 V AC
400 V DC / 200 V AC
630 V DC / 220 V AC
1000 V DC / 250 V AC
Cap Value
DimensionsinInches
DimensionsinInches
DimensionsinInches
DimensionsinInches
DimensionsinInches
DimensionsinInches
in µF
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
L
H
T
S
0.001
0.512
0.354
0.157
0.394
0.0015
0.512
0.354
0.157
0.394
0.0022
0.512
0.354
0.157
0.394
0.0033
0.512
0.354
0.157
0.394
0.0047
0.512
0.354
0.157
0.394
0.512
0.433
0.197
0.394
0.0068
0.512
0.354
0.157
0.394
0.512
0.472
0.236
0.394
0.001
0.512
0.354
0.157
0.394
0.709
0.433
0.197
0.591
0.015
0.512
0.354
0.157
0.394
0.512
0.433
0.197
0.394
0.709
0.433
0.197
0.591
0.022
0.512
0.354
0.157
0.394
0.512
0.472
0.236
0.394
0.709
0.531
0.295
0.591
0.033
0.512
0.354
0.157
0.394
0.512
0.433
0.197
0.394
0.709
0.433
0.197
0.591
1.043
0.591
0.236
0.886
0.047
0.512
0.354
0.157
0.394
0.709
0.433
0.197
0.591
0.709
0.472
0.236
0.591
1.043
0.591
0.236
0.886
0.068
0.512
0.354
0.157
0.394
0.709
0.433
0.197
0.591
0.709
0.531
0.295
0.591
1.043
0.630
0.276
0.886
0.1
0.512
0.354
0.157
0.394
0.709
0.433
0.197
0.591
0.709
0.472
0.236
0.591
1.043
0.591
0.236
0.886
1.043
0.728
0.394
0.886
0.15
0.512
0.354
0.157
0.394
0.512
0.433
0.197
0.394
0.709
0.433
0.197
0.591
0.709
0.531
0.295
0.591
1.043
0.630
0.276
0.886
1.260
0.787
0.433
1.083
0.22
0.512
0.433
0.197
0.394
0.512
0.433
0.197
0.394
0.709
0.433
0.197
0.591
1.043
0.591
0.236
0.886
1.043
0.669
0.335
0.886
1.260
0.866
0.512
1.083
0.33
0.709
0.433
0.197
0.591
0.709
0.433
0.197
0.591
0.709
0.472
0.236
0.591
1.043
0.630
0.276
0.886
1.260
0.787
0.433
1.083
0.47
0.709
0.433
0.197
0.591
0.709
0.472
0.236
0.591
1.043
0.591
0.236
0.886
1.043
0.669
0.335
0.886
1.260
0.866
0.512
1.083
0.68
0.709
0.472
0.236
0.591
0.709
0.531
0.295
0.591
1.043
0.630
0.276
0.886
1.260
0.669
0.354
1.083
1.0
0.709
0.531
0.295
0.591
0.709
0.571
0.335
0.591
1.043
0.669
0.335
0.886
1.260
0.787
0.433
1.083
1.5
1.043
0.630
0.276
0.886
1.043
0.669
0.335
0.886
1.260
0.669
0.354
1.083
2.2
1.043
0.669
0.335
0.886
1.043
0.728
0.394
0.886
1.260
0.787
0.433
1.083
3.3
1.043
0.728
0.394
0.886
1.260
0.787
0.433
1.083
1.260
0.866
0.512
1.083
4.7
1.260
0.787
0.433
1.083
1.260
0.866
0.512
1.083
6.8
1.260
0.866
0.512
1.083
Case Dimensions in Inches 100V • 160V• 250V• 400V• 630V• 1000V
INTRODUCTION:
The MKT 075 Series Metallized Polyester Film Capacitors are specially designed for use
in thickly populated Printed Circuit Boards where miniaturization is important. These
capacitors are widely used in all General Purpose applications.
FEATURES:
Wide value and Voltage range
Flame retardant case and potting
Consistent dimensions and surface finish due to molded case construction
Self healing capability
GENERAL SPECIFICATIONS:
Dissipation factor:
≤ 0.015 at 10 K Hz for capacitance< 1.0 µF
Insulation resistance: For nominal voltage
≤ 100 V DC, ≥10,000 M Ohm for C≤
0.1µF,
≥1,000 seconds for C> 0.1µF, For nominal voltage > 100 V DC, ≥30,000 M
Ohm for C
≤ 0.33µF, ≥10,000 seconds for C> 0.33µF. Capacitance tolerance:
±5%(J), ±10%(K)and ±10%(M)
Voltage Test : 1.6 times the rated voltage applied between terminals for 2 seconds. at
temperature of 25 ± 5 °C
Temperature range: -55 to 100 °C with derating above 85 °C
Climatic category: F M D
LIFE TEST DETAILS:
Capacitors shall withstand 125% DC rated voltage or 100% AC rated voltage applied at
85 °C for 1000 hours. After the test:
1.
Capacitance change shall remain within ±5%.
2.
Dissipation Factor shall be within 1.5 times the original limits.
3.
Insulation Resistance shall be above 50% of the initial limits.
4.
There shall be no remarkable change in the appearance and the marking shall
remain legible.
RATED
dv/dt -
Volts-
VOLTAGE
per µ
Seconds
100
6
250
15
400
30
630
40
PULSE RISE TIME (dv/dt) Volts per µsec.
DIMENSIONS AND
TOLERANCES:
"d" - 0.6 mm (0.024")
for dimension “T” =
4mm (0.160”)
"d" - 0.8 mm (0.032")
for dimension "T" >
4mm (0.160")
"LL'' - 6.0 ± 1.0mm
(0.24 ± 0.04")
Tolerance on "s" ± 0.4mm (0.016")
MKT 075 SERIES
F
Fo
orrm
me
errlly
y M
MK
KT
T 1
1..6
67
7 s
se
erriie
es
s
MKT 100 SERIES CASE DIMENSIONS CONTINUED
Sharma Film Capacitors


Similar Part No. - MKT075104F101A

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT075 SHARMA-MKT075 Datasheet
640Kb / 18P
   Film Capacitors
MKT075 SHARMA-MKT075 Datasheet
315Kb / 1P
   Sharma Film Capacitors
MKT075 SHARMA-MKT075_1 Datasheet
315Kb / 1P
   Sharma Film Capacitors
More results

Similar Description - MKT075104F101A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com