Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA278R05CYDTU Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # KA278R05CYDTU
Description  2A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA278R05CYDTU Datasheet(HTML) 2 Page - Fairchild Semiconductor

  KA278R05CYDTU Datasheet HTML 1Page - Fairchild Semiconductor KA278R05CYDTU Datasheet HTML 2Page - Fairchild Semiconductor KA278R05CYDTU Datasheet HTML 3Page - Fairchild Semiconductor KA278R05CYDTU Datasheet HTML 4Page - Fairchild Semiconductor KA278R05CYDTU Datasheet HTML 5Page - Fairchild Semiconductor KA278R05CYDTU Datasheet HTML 6Page - Fairchild Semiconductor KA278R05CYDTU Datasheet HTML 7Page - Fairchild Semiconductor KA278R05CYDTU Datasheet HTML 8Page - Fairchild Semiconductor KA278R05CYDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
KA278RXXC-SERIES
2
Absolute Maximum Ratings
KA278RXXC, KA278RA05C
Parameter
Symbol
Value
Unit
Remark
Input voltage
Vin
35
V
-
Disable voltage
KA278RXXC
Vdis
35
V
-
Output current
Io
2.0
A
-
Power dissipation 1
Pd1
1.5
W
No heatsink
Power dissipation 2
Pd2
15
W
With heatsink
Junction temperature
Tj
150
°C-
Operating temperature
Topr
-20 ~ 80
°C-
Thermal resistance, junction-to case (note2)
R
θjc
2.9
°C/W
-
Thermal resistance, junction-to-air (note2)
R
θja
48.51
°C/W
-


Similar Part No. - KA278R05CYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278R05CYDTU FAIRCHILD-KA278R05CYDTU Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
More results

Similar Description - KA278R05CYDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
   1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI-TPS767D301 Datasheet
285Kb / 19P
[Old version datasheet]   DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA78R05C FAIRCHILD-KA78R05C Datasheet
189Kb / 20P
   1A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com