Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XO53CTFHNA12M288 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # XO53CTFHNA12M288
Description  Half Size Clock Oscillators Enable/Disable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XO53CTFHNA12M288 Datasheet(HTML) 1 Page - Vishay Siliconix

  XO53CTFHNA12M288 Datasheet HTML 1Page - Vishay Siliconix XO53CTFHNA12M288 Datasheet HTML 2Page - Vishay Siliconix XO53CTFHNA12M288 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 35044
For technical questions contact: frequency@vishay.com
www.vishay.com
Revision: 01-Jun-06
27
Half Size Clock Oscillators Enable/Disable
XO-523
Vishay Dale
DIMENSIONS in inches [millimeters]
STANDARD ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITION
XO-523
Frequency Range
FO
1 MHz ~ 100.00 MHz
Frequency Stability*
All Condition*
± 25 ppm, ± 50 ppm, ± 100 ppm
Operating Temperature Range
TOPR
0 °C ~ 70 °C (- 40 °C ~ + 85 °C option)
Storage Temperature Range
TSTG
- 55 °C ~ + 125 °C
Power Supply Voltage
VDD
3.3 V ± 10 %
Aging (First Year)
25 ºC ± 3 ºC
± 5 ppm
Supply Current
IDD
1 MHz to 23.999 MHz
15 mA Max
24.000 MHz to 49.999 MHz
20 mA Max
50.000 MHz to 69.999 MHz
30 mA Max
70.000 MHz to 100.000 MHz
45 mA Max
Output Symmetry
Sym
At 1/2 VDD
40/60 % (45/55 % Option)
Rise Time
Tr
20 % VDD ~ 80 % VDD
8 ns Max
Fall Time
Tf
80 % VDD ~ 20 % VDD
8 ns Max
Output Voltage
VOH
90 % VDD Min
VOL
10 % VDD Max
Output Load
TTL Load
1 ~ 5 TTL
HCMOS Load
~ 50 M : 30 pF
~ 125 M : 15 pF
Start-up Time
Ts
10 ms Max
Pin 1, tri-state function
Pin 1 = H or open... Output active at pin 5
Pin 1 = L... high impedance at pin 5
ORDERING INFORMATION
XO-523
MODEL
B
FREQUENCY STABILITY
AA = 0.0025 % (25 ppm)
A = 0.005 % (50 ppm)
B = 0.01 % (100 ppm)
R
OTR
Blank = 0 °C to + 70 °C
R = - 40 °C to + 85 °C
E
ENABLE/DISABLE
Blank = Pin 1 open
E = Disable to Tristate
40 M
FREQUENCY/MHz
e2
JEDEC
LEAD (Pb)-FREE
STANDARD
GLOBAL PART NUMBER
MODEL
FREQUENCY
OTR
ENABLE/
PACKAGE
OPTIONS
FREQUENCY
STABILITY
DISABLE
CODE
MARKING
AREA
HCMOS TEST CIRCUIT
0.220
[5.6] Max
[0.45 ± 0.1]
[0.8 ± 0.1]
0.268
[6.80] Max
HCMOS OUTPUT WAVEFORM
0.031 ± 0.003
0.018 ± 0.003
VOH
VOL
Tr
Tf
90 % VDD
50 % VDD
10 % VDD
GND
T1
T0 = 1/Fo
SYMMETRY =
x 100 %
T1
T0
+ 5.0 V
Test Point
CL**
0.01 µF
CMOS Load
**Includes Stray and Probe Capacitance
INH
+ 3.3 V
Enable/Disable function
ENABLE/DISABLE FUNCTION
INPUT (PIN 1)
OPEN
VIH
≥ 2.2 VDC
OUTPUT (PIN 5)
ENABLE
ENABLE
PIN
#1
#4
#5
#8
CONNECTION
N.C
GND
OUTPUT
VDD
#1
#4
#5
#8
0.508
[12.9] Max
0.300 ± 0.005
[7.62 ± 0.13]
0.580 [12.9] Max
0.300 ± 0.005
[7.62 ± 0.13]
A
V
#8
#1
#5
#4
CL = 15 pF or 50 pF
(see individual
spec. sheet)
X
O
32
C
T
E
L
N
A
4
0
M
The XO-523 series oscillator is half size, has Tri-state
enable/disable controlled function, and is with a 3.3 V power
supply voltage. The metal package with pin#4 case ground
acts as shielding to minimize EMI radiation.
FEATURES
Tri-state enable/disable
• 8 pin half size
• Industry standard
• Wide frequency range
• Low cost
• Resistance weld package
• 3.3 V
• Lead (Pb)-free terminations and RoHS compliant
* Include: 25 ºC tolerance, operating temperature range, input voltage change, aging, load change, shock and vibration.
RoHS
COMPLIANT


Similar Part No. - XO53CTFHNA12M288

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO53CTFHNA4M VISHAY-XO53CTFHNA4M Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
More results

Similar Description - XO53CTFHNA12M288

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
XO-52 VISHAY-XO-52 Datasheet
89Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 01-Jun-06
XO-523 VISHAY-XO-523_07 Datasheet
90Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XO-52 VISHAY-XO-52_07 Datasheet
95Kb / 3P
   Half Size Clock Oscillators Enable/Disable
Revision: 05-Mar-07
XOSM-52 VISHAY-XOSM-52_07 Datasheet
97Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 05-Mar-07
XOSM-52 VISHAY-XOSM-52_11 Datasheet
87Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XOSM-52 VISHAY-XOSM-52 Datasheet
177Kb / 1P
   Half Size Clock Oscillator Enable/Disable
Revision: 13-Oct-05
XO-523 VISHAY-XO-523_11 Datasheet
80Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
XO-52 VISHAY-XO-52_11 Datasheet
80Kb / 3P
   Half Size Clock Oscillator Enable/Disable
Revision: 08-Mar-11
logo
Nel Frequency Controls,...
HS-A187X-FREQ NEL-HS-A187X-FREQ Datasheet
263Kb / 2P
   CRYSTAL CLOCK OSCILLATORS Positive ECL (PECL) - Enable/Disable
Rev. S
logo
RSG Electronic Componen...
HO-21 RSG-HO-21 Datasheet
84Kb / 1P
   HALF SIZE CLOCK OSCILLATORS TTL COMPATIBLE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com