Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MAX4850ETE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX4850ETE
Description  Dual SPDT Analog Switches with Over-Rail Signal Handling
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
General Description
The MAX4850/MAX4850H/MAX4852/MAX4852H family
of dual SPDT (single-pole/double-throw) switches oper-
ate from a single +2V to +5.5V supply and can handle
signals greater than the supply rail. These switches fea-
ture low 3.5
Ω or 3.5Ω/7Ω on-resistance with low on-
capacitance, making them ideal for switching audio
and data signals.
The MAX4850/MAX4850H are configured with two
SPDT switches and feature two comparators for head-
phone detection or mute/send key functions. The
MAX4852 has two SPDT switches with no comparators
for low 1µA supply current.
For over-rail applications, these devices offer either the
pass-through or high-impedance option. For the
MAX4850/MAX4852, the signal (up to 5.5V) passes
through the switch without distortion even when the posi-
tive supply rail is exceeded. For the MAX4850H/
MAX4852H, the switch input becomes high impedance
when the input signal exceeds the supply rail.
The MAX4850/MAX4850H/MAX4852/MAX4852H are
available in the space-saving (3mm x 3mm), 16-pin
TQFN package and operate over the extended temper-
ature range of -40°C to +85°C.
Applications
USB Switching
Audio-Signal Routing
Cellular Phones
Notebook Computers
PDAs and Other Handheld Devices
Features
o USB 2.0 Full Speed (12MB) and USB 1.1 Signal
Switching Compliant
o Switch Signals Greater than VCC
o 0.1ns Differential Skew
o 3.5Ω/7Ω On-Resistance
o 135MHz -3dB Bandwidth
o +2V to +5.5V Supply Range
o 1.8V Logic Compatible
o Low Supply Current
1µA (MAX4852)
5µA (MAX4850)
10µA (MAX4850H/MAX4852H)
o Available in a Space-Saving (3mm x 3mm),
16-Pin TQFN Package
Dual SPDT Analog Switches with
Over-Rail Signal Handling
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
VCC
3
MAX4850
MAX4850H
NC1
NO1
NC2
NO2
COUT2
COM1
IN1
IN2
COM2
CIN2
VCC
3
COUT1
CIN1
MAX4852
MAX4852H
NC1
NO1
NC2
NO2
COM1
IN1
IN2
COM2
MAX4850_
MAX4852_
IN_
NO_
NC_
0
OFF
ON
1
ON
OFF
SWITCHES SHOWN FOR
LOGIC 0 INPUT
3.5
3.5
7
3.5
3.5
7
Block Diagrams/Truth Table
19-3375; Rev 0; 7/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
*EP = Exposed paddle.
PART
TEMP RANGE
PIN-PACKAGE
TOP
MARK
MAX4850ETE
-40°C to +85°C
16 TQFN-EP*
ABU
MAX4850HETE
-40°C to +85°C
16 TQFN-EP*
ABV
MAX4852ETE
-40°C to +85°C
16 TQFN-EP*
ABZ
MAX4852HETE
-40°C to +85°C
16 TQFN-EP*
ACA
Pin Configurations and Selector Guide appear at end of
data sheet.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NLAS2066Ultra-Small Dual Single Pole Single Throw Analog Switch with Over Voltage Tolerance 1 2 3 4 5 MoreON Semiconductor
FXL2TD245Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1 2 3 4 5 MoreFairchild Semiconductor
NLAS5223BUltra−Low 0.5 ohm Dual SPDT Analog Switch 1 2 3 4 5 MoreON Semiconductor
ISTS150TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS 1 2 3 List of Unclassifed Manufacturers
AD73411Low-Power Analog Front End with DSP Microcomputer 1 2 3 4 5 MoreAnalog Devices
OPA2690Dual Wideband Voltage-Feedback OPERATIONAL AMPLIFIER with Disable 1 2 3 4 5 MoreBurr-Brown (TI)
CD54AC109Dual j-k Flip-Flop with Set and Reset 1 2 3 4 5 MoreTI store
AD9942Dual-Channel 14-Bit CCD Signal Processor with Precision Timing™ Core 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl