Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ31002CS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PJ31002CS
Description  Tone Ringer For Telephone Set
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PJ31002CS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PJ31002CS Datasheet HTML 1Page - List of Unclassifed Manufacturers PJ31002CS Datasheet HTML 2Page - List of Unclassifed Manufacturers PJ31002CS Datasheet HTML 3Page - List of Unclassifed Manufacturers PJ31002CS Datasheet HTML 4Page - List of Unclassifed Manufacturers PJ31002CS Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PJ31002
Tone Ringer For Telephone Set
3-5
2002/01.rev.A
HO W TO USE THE RSL PIN
In the IC, the supply initiation current (lsi) can be
changed using the RSL Pin . As show is the diagram, the
RSL (Pin 2) is grounded through resistor Rs. By changing
the Rs value, supply initiation current can be changed.
Supply
voltage
(Vcc)
vs.
supply
current
(lcc)
characteristics resulting from changes in the value of Rs are
shown in the following diagram.
Figure 3.Ringing Start Voltage Te st C ircuit
1
2
5
Rs
Vc c
GN D
10
20
Vc c (V)
1
2
3
4
Ic c (m A)
Rs= 6.8K
Rs= 10K
Rs= 18K
1
2
3
4
8
7
6
5
+
+
8.2K
1uF/250
AC f=20H
1N4004* 4
27V
10uF/35
10K
680K
104pF
Tone Ringer
4.7uF/50
100
103pF


Similar Part No. - PJ31002CS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PJ317 ETC1-PJ317 Datasheet
355Kb / 11P
   3-Terminal Adjustable Output Positive Voltage Regulator
PJ317CM ETC1-PJ317CM Datasheet
355Kb / 11P
   3-Terminal Adjustable Output Positive Voltage Regulator
PJ317CP ETC1-PJ317CP Datasheet
355Kb / 11P
   3-Terminal Adjustable Output Positive Voltage Regulator
PJ317CS ETC1-PJ317CS Datasheet
355Kb / 11P
   3-Terminal Adjustable Output Positive Voltage Regulator
PJ317CT ETC1-PJ317CT Datasheet
355Kb / 11P
   3-Terminal Adjustable Output Positive Voltage Regulator
More results

Similar Description - PJ31002CS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA8206 ROHM-BA8206 Datasheet
96Kb / 6P
   Tone ringer IC for telephone set
BA8204 ROHM-BA8204 Datasheet
117Kb / 6P
   Tone ringer IC for telephone set
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
UTCTA31002A UTC-UTCTA31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
TA31001 UTC-TA31001_10 Datasheet
200Kb / 6P
   TELEPHONE TONE RINGER
TA31002 UTC-TA31002_15 Datasheet
67Kb / 6P
   TELEPHONE TONE RINGER
UTCTA31001 UTC-UTCTA31001 Datasheet
26Kb / 3P
   TELEPHONE TONE RINGER
31002A UTC-31002A_08 Datasheet
173Kb / 6P
   TELEPHONE TONE RINGER
UTC31002A UTC-UTC31002A Datasheet
33Kb / 4P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com