Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT300B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT300B
Description  Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT300B Datasheet(HTML) 2 Page - NXP Semiconductors

  BT300B Datasheet HTML 1Page - NXP Semiconductors BT300B Datasheet HTML 2Page - NXP Semiconductors BT300B Datasheet HTML 3Page - NXP Semiconductors BT300B Datasheet HTML 4Page - NXP Semiconductors BT300B Datasheet HTML 5Page - NXP Semiconductors BT300B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Thyristors
BT300B series
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance
-
-
1.8
K/W
junction to mounting base
R
th j-a
Thermal resistance
minimum footprint, FR4 board
-
55
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
GT
Gate trigger current
V
D = 12 V; IT = 0.1 A
-
2
15
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
-
10
40
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
10
20
mA
V
T
On-state voltage
I
T = 12 A
-
1.35
1.6
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.6
1.5
V
V
D = VDRM(max); IT = 0.1 A; Tj = 125 ˚C
0.25
0.4
-
V
I
D, IR
Off-state leakage current
V
D = VDRM(max); VR = VRRM(max); Tj = 125 ˚C
-
0.1
0.5
mA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max); Tj = 125 ˚C;
off-state voltage
exponential waveform.
Gate open circuit
50
100
-
V/
µs
R
GK = 100 Ω
200
1000
-
V/
µs
t
gt
Gate controlled turn-on
I
TM = 10 A; VD = VDRM(max); IG = 0.1 A;
-
2
-
µs
time
dI
G/dt = 5 A/µs
t
q
Circuit commutated
V
D = 67% VDRM(max); Tj = 125 ˚C;
-
70
-
µs
turn-off time
I
TM = 12 A; VR = 25 V; dITM/dt = 30 A/µs;
dV
D/dt = 50 V/µs; RGK = 100 Ω
May 1997
2
Rev 1.000


Similar Part No. - BT300B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT300 PHILIPS-BT300 Datasheet
44Kb / 6P
   Thyristors
September 1997 Rev 1.100
BT300-500R PHILIPS-BT300-500R Datasheet
44Kb / 6P
   Thyristors
September 1997 Rev 1.100
BT300-600R PHILIPS-BT300-600R Datasheet
44Kb / 6P
   Thyristors
September 1997 Rev 1.100
BT300-800R PHILIPS-BT300-800R Datasheet
44Kb / 6P
   Thyristors
September 1997 Rev 1.100
BT300M PHILIPS-BT300M Datasheet
52Kb / 6P
   Thyristors
September 1997 Rev 1.100
More results

Similar Description - BT300B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
   THYRISTORS
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
   Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
   Thyristors
September 1997 Rev 1.100
BT300 PHILIPS-BT300 Datasheet
44Kb / 6P
   Thyristors
September 1997 Rev 1.100
logo
Inchange Semiconductor ...
TYN610F ISC-TYN610F Datasheet
275Kb / 2P
   Thyristors
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
   Thyristors
April 2004-Rev 1.000
logo
Inchange Semiconductor ...
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
   Thyristors
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
   Thyristors
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
   THYRISTORS
logo
New Jersey Semi-Conduct...
BT169D NJSEMI-BT169D Datasheet
80Kb / 1P
   Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
   THYRISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com