Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAJA105M20R202 Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # SAJA105M20R202
Description  Tantalum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SAJA105M20R202 Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  SAJA105M20R202 Datasheet HTML 1Page - Sharma Electro Components,Inc SAJA105M20R202 Datasheet HTML 2Page - Sharma Electro Components,Inc SAJA105M20R202 Datasheet HTML 3Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SAJ SERIES RATINGS AND CASE CODES
CAPACITANCE
RATED VOLTAGE DC at 85 °C
CODE
µF
4V
6.3V
10V
16V
20V
25V
35V
50V
STD
EXT
STD
EXT
STD
EXT
STD
EXT
STD
EXT
STD
EXT
STD
EXT
STD
EXT
104
0.1
A2
A
A
154
0.15
A2
A
B
A
224
0.22
A2
A
B
334
0.33
A2
A
B
474
0.47
R, A2
A
B
A
C
B
684
0.68
R, A2
A
A2
A
B
A
C
105
1.0
R, A2
A
A2
A
B2
B
A
B
A
C
155
1.5
R, A2
A
A2
A
A, B2
B
A
C
B
D2, D
C
225
2.2
R, A2
A
A2
A
B
A, B2
B
A, B2
B
C
B*
D2, D
C
335
3.3
A
A2
A
A, B2
B
A, B2
B
C
B
C
D
D2
475
4.7
A
A, B2
B
A, B2
B
C
B, H
C
D2, D
C
D
685
6.8
A, B2
B
A, B2
B
A
C
B, H, C2
C
B, C2
D
C
D2, D
C
E*
106
10
B
A, B2
B
A
C
B, H, C2
C
B, C2*
D
C
D2, D
C
D
D2
E*
156
15
B
A
C
B, H, C2
C
B, H, C2
C
D2, D
C
D
D2
E
226
22
C
B, H, C2
C
B, H, C2
B, C
D2, D
C
D
D2
D2, D
E
336
33
C
B, H, C2
B, C
D2, D
C
D
D2
D2, D
E
476
47
B, C
D2, D
C
D
D2
D2, D
E
686
68
D2, D
C
D
D2
D2, D
E
D
E
107
100
D
D2
D
D2
E
D
E
157
150
D2, D
E
D
E
227
220
E
D
E
E*
337
330
E*
E*
STD = STANDARD RANGE.
EXT = EXTENDED RANGE & SPECIAL SIZES.
* = CONSULT FACTORY
SAJ SERIES SPECIFICATIONS
4 V DC Rated Voltage
Surge Voltage 5 V DC @ 85°C,
3.2 V DC @ 125°C
S
HARMA
CAP
DCL
DF%
ESR(max)
RIPPLE (max)
PART NUMBER
VALUE
(MAX)
(MAX)
OHMS at
Irms Amps
µF
µA
at+25°C
100KHz
at 100 KHz
SAJ
R
225 M 04 R 252
2.2
0.5
6
25.0
0.040
SAJ A2 225 M 04 R 302
2.2
0.5
6
25.0
0.043
SAJ A2 335 M 04 R 302
3.3
0.5
6
18.0
0.058
SAJ
A
335 M 04 R 202
3.3
0.5
6
9.0
0.088
SAJ
A
475 M 04 R 202
4.7
0.5
6
7.5
0.097
SAJ
A
685 M 04 R 202
6.8
0.5
6
6.5
0.104
SAJ B2 685 M 04 R 302
6.8
0.5
6
6.5
0.104
SAJ
A
106 M 04 R 202
10
0.5
6
6.0
0.108
SAJ B2 106 M 04 R 302
10
0.5
6
6.0
0.108
SAJ
B
106 M 04 R 202
10
0.5
6
4.0
0.141
SAJ
A
156 M 04 R 202
15
0.6
6
4.0
0.132
SAJ
B
156 M 04 R 202
15
0.6
6
3.5
0.151
SAJ
B
226 M 04 R 202
22
0.9
6
3.2
0.158
SAJ
H 226 M 04 R 202
22
0.9
6
3.2
0.163
SAJ C2 226 M 04 R 202
22
0.9
6
3.2
0.168
SAJ
C
226 M 04 R 501
22
0.9
6
2.5
0.210
SAJ
B
336 M 04 R 202
33
1.3
6
2.4
0.183
SAJ
H 336 M 04 R 202
33
1.3
6
2.4
0.188
SAJ C2 336 M 04 R 202
33
1.3
6
2.4
0.194
SAJ
C
336 M 04 R 202
33
1.3
6
2.2
0.224
SAJ
B
476 M 04 R 202
47
1.9
6
2.2
0.191
SAJ
C 476 M 04 R 501
47
1.9
6
1.8
0.247
SAJ
C 686 M 04 R 501
68
2.7
6
1.6
0.262
SAJ D2 686 M 04 R 501
68
2.7
6
1.1
0.363
SAJ
D
686 M 04 R 501
68
2.7
6
1.1
0.369
SAJ D2 107 M 04 R 501
100
4.0
8
0.9
0.401
SAJ
D
107 M 04 R 501
100
4.0
8
0.9
0.408
SAJ D2 157 M 04 R 501
150
6.0
8
0.7
0.455
SAJ
D 157 M 04 R 501
150
6.0
8
0.7
0.463
SAJ
D 227 M 04 R 501
220
8.8
8
0.7
0.463
SAJ
E
227 M 04 R 401
220
8.8
8
0.6
0.524
SAJ E* 337 M 04 R 401
330
13.2
8
0.6
0.524
6 V DC Rated Voltage
Surge Voltage 8 V DC @ 85°C,
5 V DC @ 125°C
SAJ
R
155 M 06 R 252
1.5
0.5
6
25.0
0.040
SAJ A2 155 M 06 R 302
1.5
0.5
6
25.0
0.049
SAJ A2 225 M 06 R 302
2.2
0.5
6
20.0
0.055
SAJ
A
225 M 06 R 202
2.2
0.5
6
9.0
0.088
SAJ
A
335 M 06 R 202
3.3
0.5
6
7.5
0.097
SAJ
A
475 M 06 R 202
4.7
0.5
6
6.5
0.104
SAJ B2 475 M 06 R 302
4.7
0.5
6
6.5
0.104
6 V DC Rated Voltage -
Continued
Surge Voltage 8 V DC @ 85°C,
5 V DC @ 125°C
S
HARMA
CA
P
DCL
DF%
ESR(max)
RIPPLE (max)
PART NUMBER
VALUE
(MAX)
(MAX)
OHMS at
Irms Amps
µF
µA
at+25°C
100KHz
at 100 KHz
SAJ
A
685 M 06 R 202
6.8
0.5
6
6.0
0.108
SAJ B2 685 M 06 R 302
6.8
0.5
6
5.0
0.118
SAJ
B
685 M 06 R 202
6.8
0.5
6
4.0
0.141
SAJ
A
106 M 06 R 202
10
0.6
6
4.0
0.132
SAJ
B
106 M 06 R 202
10
0.6
6
3.5
0.151
SAJ
B
156 M 06 R 202
15
1.0
6
3.2
0.158
SAJ
H 156 M 06 R 202
15
1.0
6
3.0
0.168
SAJ C2 156 M 06 R 202
15
1.0
6
3.0
0.173
SAJ
C
156 M 06 R 501
15
1.0
6
2.5
0.210
SAJ
B
226 M 06 R 202
22
1.4
6
2.4
0.183
SAJ
H 226 M 06 R 202
22
1.4
6
2.4
0.188
SAJ C2 226 M 06 R 501
22
1.4
6
2.4
0.224
SAJ
C
226 M 06 R 501
22
1.4
6
2.2
0.224
SAJ
B
336 M 06 R 202
33
2.1
6
2.2
0.191
SAJ
C 336 M 06 R 501
33
2.1
6
1.8
0.247
SAJ
C 476 M 06 R 501
47
3.0
6
1.6
0.262
SAJ D2 476 M 06 R 501
47
3.0
6
1.1
0.363
SAJ
D
476 M 06 R 501
47
3.0
6
1.1
0.369
SAJ D2 686 M 06 R 501
68
4.3
6
0.9
0.401
SAJ
D
686 M 06 R 501
68
4.3
6
0.9
0.408
SAJ D2 107 M 06 R 501
100
6.0
8
0.8
0.426
SAJ
D
107 M 06 R 501
100
6.0
8
0.8
0.433
SAJ
D 157 M 06 R 501
150
9.0
8
0.8
0.433
SAJ
E
157 M 06 R 401
150
9.0
8
0.6
0.524
SAJ
E
227 M 06 R 401
220
13.2
8
0.6
0.524
SAJ E* 337 M 06 R 401
330
19.8
8
0.6
0.524
10 V DC Rated Voltage
Surge Voltage 13 V DC @ 85°C,
8 V DC @ 125°C
SAJ
R
105 M 10 R 252
1
0.5
4
25.0
0.040
SAJ A2 105 M 10 R 302
1
0.5
4
25.0
0.049
SAJ A2 155 M 10 R 302
1.5
0.5
6
20.0
0.055
SAJ
A
155 M 10 R 202
1.5
0.5
6
10.0
0.084
SAJ
A
225 M 10 R 202
2.2
0.5
6
7.5
0.097
SAJ
A
335 M 10 R 202
3.3
0.5
6
6.5
0.104
SAJ B2 336 M 10 R 302
3.3
0.5
6
6.5
0.104
SAJ
A
475 M 10 R 202
4.7
0.5
6
6.0
0.108
SAJ B2 475 M 10 R 302
4.7
0.5
6
6.0
0.141
SAJ
B
475 M 10 R 202
4.7
0.5
6
4.0
0.141
SAJ
A
685 M 10 R 202
6.8
0.7
6
4.0
0.132
SAJ
B
685 M 10 R 202
6.8
0.7
6
3.5
0.151
SAJ
B
106 M 10 R 202
10
1.0
6
3.2
0.158
NOTE: EXTENDED RANGE & SPECIAL CASE SIZES SHOWN IN BOLD.
FOR 10% TOLERANCE CHANGE TOLERANCE CODE FROM M TO K.
FOR 5% TOLERANCE CHANGE
TOLERANCE CODE FROM M TO J.
STANDARD REEL SIZE AND ORIENTATION = R.
FOR OTHER SEE ORDERING INFORMATION ON PAGE 3. * = CONSULT FACTORY.
Sharma Tantalum Capacitors
RoHS Compliant
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


Similar Part No. - SAJA105M20R202

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
SAJ101X TEC-SAJ101X Datasheet
323Kb / 3P
   Snap Action Switches
SAJ101XBL0N74SDTPTQ TEC-SAJ101XBL0N74SDTPTQ Datasheet
323Kb / 3P
   Snap Action Switches
SAJ101XBL0N74SNCPTQ TEC-SAJ101XBL0N74SNCPTQ Datasheet
323Kb / 3P
   Snap Action Switches
SAJ101XBL0N74SNOPTQ TEC-SAJ101XBL0N74SNOPTQ Datasheet
323Kb / 3P
   Snap Action Switches
More results

Similar Description - SAJA105M20R202

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Sharma Electro Componen...
SAL SHARMA-SAL Datasheet
449Kb / 2P
   Tantalum Capacitors
TDA335K06CB SHARMA-TDA335K06CB Datasheet
446Kb / 2P
   Tantalum Capacitors
SAF SHARMA-SAF Datasheet
446Kb / 2P
   Tantalum Capacitors
SAH SHARMA-SAH Datasheet
450Kb / 2P
   Tantalum Capacitors
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com