Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F8025 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 56F8025
Description  Digital Signal Controller Product Brief
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8025 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  56F8025 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F8025 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Recommended Operating Conditions
56F8025 Digital Signal Controller Product Brief, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
5
— Output falling and rising edge detection able to generate interrupts
Computer Operating Properly (COP)/Watchdog timer capable of selecting different clock sources
Up to 35 General-Purpose I/O (GPIO) pins with 5V tolerance
Integrated Power-On Reset (POR) and Low-Voltage Interrupt (LVI) module
Phase Lock Loop (PLL) provides a high-speed clock to the core and peripherals
Clock sources:
— On-chip relaxation oscillator
— External clock: Crystal oscillator, ceramic resonator, and external clock source
JTAG/EOnCE debug programming interface for real-time debugging
5
Recommended Operating Conditions
Table 1. Recommended Operating Conditions
(VREFL x= 0V, VSSA = 0V, VSS = 0V)
Characteristic
Symbol
Notes
Min
Typ
Max
Unit
Supply voltage
VDD,
VDDA
33.3
3.6
V
ADC Reference Voltage High
VREFHx
3.0
VDDA
V
Voltage difference VDD_IO to VDDA
ΔV
DD
-0.1
0
0.1
V
Voltage difference VSS_IO to VSSA
ΔV
SS
-0.3
0
0.3
V
Device Clock Frequency
Using relaxation oscillator
Using external clock source
FSYSCLK
1
0
32
32
MHz
Input Voltage High (digital inputs)
VIH
Pin Groups 1, 2
2.0
5.5
V
Input Voltage Low (digital inputs)
VIL
Pin Groups 1, 2
-0.3
0.8
V
Oscillator Input Voltage High
XTAL not driven by an external clock
XTAL driven by an external clock source
VIHOSC
Pin Group 4
VDDA - 0.8
2.0
VDDA + 0.3
VDDA + 0.3
V
Oscillator Input Voltage Low
VILOSC
Pin Group 4
-0.3
0.8
V
Analog Input Voltage
VIA
Pin Group 3
0.0
VDDA
V


Similar Part No. - 56F8025

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025 Datasheet
2Mb / 160P
   16-bit Digital Signal Controllers
56F8025 FREESCALE-56F8025 Datasheet
2Mb / 161P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
56F8025 NXP-56F8025 Datasheet
2Mb / 161P
   16-bit Digital Signal Controllers
56F8025E NXP-56F8025E Datasheet
2Mb / 161P
   16-bit Digital Signal Controllers
logo
Freescale Semiconductor...
56F8025 FREESCALE-56F8025_07 Datasheet
2Mb / 160P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8025

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ97774QE AOSMD-AOZ97774QE Datasheet
665Kb / 8P
   Dual Digital Multiphase Controller Product Brief
Rev. 1.0 May 2021
logo
Vitesse Semiconductor C...
SSC050 VITESSE-SSC050 Datasheet
41Kb / 2P
   I2C Backplane Controller Product Brief
logo
ESS Technology,Inc
ES4810SAA ESS-ES4810SAA Datasheet
87Kb / 4P
   Digital Audio Processor Product Brief
logo
List of Unclassifed Man...
SSC200 ETC-SSC200 Datasheet
22Kb / 2P
   Enclosure Management Controller Product Brief
ES3986 ETC1-ES3986 Datasheet
34Kb / 4P
   Digital-Audio Processor Product Brief
logo
ESS Technology,Inc
ES6430 ESS-ES6430 Datasheet
84Kb / 6P
   Digital Media Processor Product Brief
ES4810 ESS-ES4810 Datasheet
44Kb / 2P
   Digital Audio Processor Product Brief
logo
Vitesse Semiconductor C...
VSC210 VITESSE-VSC210 Datasheet
32Kb / 2P
   IPMI Baseboard Management Controller Product Brief
logo
Glenair, Inc.
050_315 GLENAIR-050_315 Datasheet
495Kb / 15P
   PRODUCT BRIEF
050_321 GLENAIR-050_321 Datasheet
481Kb / 15P
   PRODUCT BRIEF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com