Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY89325VMGTR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY89325VMGTR
Description  3.3V/5V 1.5Gbps DIFFERENTIAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89325VMGTR Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY89325VMGTR Datasheet HTML 1Page - Micrel Semiconductor SY89325VMGTR Datasheet HTML 2Page - Micrel Semiconductor SY89325VMGTR Datasheet HTML 3Page - Micrel Semiconductor SY89325VMGTR Datasheet HTML 4Page - Micrel Semiconductor SY89325VMGTR Datasheet HTML 5Page - Micrel Semiconductor SY89325VMGTR Datasheet HTML 6Page - Micrel Semiconductor SY89325VMGTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Precision Edge®
SY89325V
Micrel, Inc.
M9999-051006
hbwhelp@micrel.com or (408) 955-1690
OUTPUT INTERFACE APPLICATIONS
LVDS specifies a small swing of 350mV typical, on a
nominal 1.25V common mode above ground. The common
mode voltage has tight limits to permit large variations in
ground between an LVDS driver and receiver. Also, change
in common mode voltage, as a function of data input, is
kept to a minimum, to keep EMI low.
100Ω
VOUT
GND
VOH, VOL
VOH, VOL
Figure 8a. LVDS Differential Measurement
GND
VOCM,
∆VOCM
50Ω
50Ω
Figure 8b. LVDS Common Mode Measurement
Part Number
Function
Data Sheet Link
SY55855V
Dual CML/PECL/LVPECL-to-LVDS Translator
www.micrel.com/product-info/products/sy55855v.shtml
MLF® Application Note
www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
RELATED PRODUCT AND SUPPORT DOCUMENTATION


Similar Part No. - SY89325VMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89325LMGTR MICREL-SY89325LMGTR Datasheet
71Kb / 8P
   3.3V 2.5Gbps ANY INPUT-to-LVPECL DIFFERENTIAL TRANSLATOR
More results

Similar Description - SY89325VMGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
   DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
ON Semiconductor
MC100EPT21 ONSEMI-MC100EPT21_06 Datasheet
83Kb / 8P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
MC100EPT21 ONSEMI-MC100EPT21_12 Datasheet
132Kb / 9P
   3.3V Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
September, 2012 ??Rev. 22
MC100EPT23 ONSEMI-MC100EPT23_06 Datasheet
85Kb / 8P
   3.3V Dual Differential LVPECL/LVDS/CML to LVTTL/LVCMOS Translator
December, 2006 ??Rev. 15
logo
Micrel Semiconductor
SY89321L MICREL-SY89321L_08 Datasheet
48Kb / 5P
   3.3V DIFFERENTIAL LVPECL/CML/LVDS-to-LVTTL
SY10ELT20V MICREL-SY10ELT20V_06 Datasheet
119Kb / 6P
   5V/3.3V TTL-TO-DIFFERENTIAL PECL TRANSLATOR
SY10ELT20V MICREL-SY10ELT20V Datasheet
50Kb / 4P
   5V/3.3V TTL-to-DIFFERENTIAL PECL TRANSLATOR
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
   PECL / LVPECL to LVDS Translator
logo
ON Semiconductor
NB100ELT23L ONSEMI-NB100ELT23L_07 Datasheet
84Kb / 8P
   3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
March, 2007 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com