Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPZ3054N-693 Datasheet(PDF) 5 Page - PCA ELECTRONICS INC.

Part # EPZ3054N-693
Description  AC Power Line Chokes
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPZ3054N-693 Datasheet(HTML) 5 Page - PCA ELECTRONICS INC.

  EPZ3054N-693 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPZ3054N-693 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPZ3054N-693 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPZ3054N-693 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPZ3054N-693 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPZ3054N-693 Datasheet HTML 6Page - PCA ELECTRONICS INC. EPZ3054N-693 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPZ3054N-693 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPZ3054N-693 Datasheet HTML 9Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
E L E C T R O N I C S I N C .
Power Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Used in Power AC Line Filters, AC-AC Converters
and Switching Power Supplies
• UL 94V-0 Recognized Components
• UL 1446 Class B Insulation System
• Meets or exceeds CSA/IEC/VDE/UL Specifications for
Creepage, Clearance and Dielectric Strength
• 50 Hz - 500 Hz Switching Frequency
• 3750 Vrms Isolation
• In EE25 Standard Package
EPZ3033-X
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
Temperature Rise
(°C Max.)
@ Max. Current
18
18
18
18
21
21
17
18
23
14
17
19
22
21
23
21
15
16
15
16
Schematic
2
49
7
L1
L2
Package
.830
(21.10)
.400
(10.20)
.175 (4.40)
1.070
(27.20)
.860
(21.80)
1.060
(26.90)
.025 Sq.
(.635)
92
74
.620
(15.75)
Part
Number
EPZ3033-560
EPZ3033-680
EPZ3033-820
EPZ3033-101
EPZ3033-121
EPZ3033-151
EPZ3033-181
EPZ3033-221
EPZ3033-271
EPZ3033-331
EPZ3033-471
EPZ3033-561
EPZ3033-681
EPZ3033-821
EPZ3033-102
EPZ3033-122
EPZ3033-152
EPZ3033-182
EPZ3033-222
EPZ3033-272
DCR
(
Ω Max.)
.013
.013
.013
.013
.015
.015
.019
.020
.025
.025
.030
.035
.040
.060
.065
.095
.115
.125
.170
.180
Current Rating
(Amperes Max.)
5.5
5.5
5.5
5.5
5.5
5.5
4.5
4.5
4.5
3.5
3.5
3.5
3.5
2.8
2.8
2.2
1.7
1.7
1.4
1.4
.056
.068
.082
.100
.120
.150
.180
.220
.270
.330
.470
.560
.680
.820
1.00
1.20
1.50
1.80
2.20
2.70
Inductance
(mH ± 25%)
@ 1 KHz
CSZ3033-Xa Rev. 1
7/18/02


Similar Part No. - EPZ3054N-693

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPZ3054N-693 PCA-EPZ3054N-693 Datasheet
44Kb / 1P
   AC Power Line Choke
More results

Similar Description - EPZ3054N-693

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82723A2501N001 EPCOS-B82723A2501N001 Datasheet
145Kb / 7P
   Power line chokes
B82747S4183N021 EPCOS-B82747S4183N021 Datasheet
144Kb / 6P
   Power line chokes
B82791G2251N020 EPCOS-B82791G2251N020 Datasheet
144Kb / 7P
   Power line chokes
B82720A EPCOS-B82720A Datasheet
111Kb / 6P
   Power line chokes
B82720S2301N042 EPCOS-B82720S2301N042 Datasheet
150Kb / 8P
   Power line chokes
B82625 EPCOS-B82625_10 Datasheet
115Kb / 7P
   Power line chokes
B82732W2901B30 EPCOS-B82732W2901B30 Datasheet
556Kb / 6P
   Power line chokes
logo
RENCO ELECTRONICS, INC.
RL-1282 RENCO-RL-1282 Datasheet
1Mb / 3P
   POWER LINE CHOKES
RL-1284 RENCO-RL-1284 Datasheet
1Mb / 3P
   POWER LINE CHOKES
logo
EPCOS
B82722J2301N002 EPCOS-B82722J2301N002 Datasheet
136Kb / 8P
   Power line chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com