Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT168W Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BT168W
Description  Thyristors logic level for RCD/ GFI/ LCCB applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT168W Datasheet(HTML) 1 Page - NXP Semiconductors

  BT168W Datasheet HTML 1Page - NXP Semiconductors BT168W Datasheet HTML 2Page - NXP Semiconductors BT168W Datasheet HTML 3Page - NXP Semiconductors BT168W Datasheet HTML 4Page - NXP Semiconductors BT168W Datasheet HTML 5Page - NXP Semiconductors BT168W Datasheet HTML 6Page - NXP Semiconductors BT168W Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Thyristors
BT168W series
logic level for RCD/ GFI/ LCCB applications
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated,
sensitive
gate
SYMBOL
PARAMETER
MAX.
MAX.
MAX.
MAX. UNIT
thyristors
in
a
plastic
envelope
suitable
for
surface
mounting,
BT168
BW
DW
EW
GW
intended for use in Residual Current
V
DRM,
Repetitive peak
200
400
500
600
V
Devices/ Ground Fault Interrupters/
V
RRM
off-state voltages
Leakage Current Circuit Breakers
I
T(AV)
Average on-state
0.6
0.6
0.6
0.6
A
(RCD/ GFI/ LCCB)
applications
current
where a minimum I
GT limit is needed.
I
T(RMS)
RMS on-state current
1111
A
These devices may be interfaced
I
TSM
Non-repetitive peak
8888
A
directly
to
microcontrollers,
logic
on-state current
integrated circuits and other low
power gate trigger circuits.
PINNING - SOT223
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
cathode
2
anode
3
gate
tab
anode
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BDE
G
V
DRM, VRRM
Repetitive peak off-state
-
200
1
400
1
500
1
600
1
V
voltages
I
T(AV)
Average on-state current
half sine wave;
-
0.63
A
T
sp ≤ 112 ˚C
I
T(RMS)
RMS on-state current
all conduction angles
-
1
A
I
TSM
Non-repetitive peak
t = 10 ms
-
8
A
on-state current
t = 8.3 ms
-
9
A
half sine wave;
T
j = 25 ˚C prior to surge
I
2tI2t for fusing
t = 10 ms
-
0.32
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 2 A; IG = 10 mA;
-
50
A/
µs
on-state current after
dI
G/dt = 100 mA/µs
triggering
I
GM
Peak gate current
-
1
A
V
GM
Peak gate voltage
-
5
V
V
RGM
Peak reverse gate voltage
-
5
V
P
GM
Peak gate power
-
2
W
P
G(AV)
Average gate power
over any 20 ms period
-
0.1
W
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
ak
g
4
1
23
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the thyristor may
switch to the on-state. The rate of rise of current should not exceed 15 A/
µs.
September 1997
1
Rev 1.100


Similar Part No. - BT168W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT168 PHILIPS-BT168 Datasheet
43Kb / 6P
   Thyristors logic level for RCD/ GFI/ LCCB applications
September 1997 Rev 1.100
BT16821ADGG PHILIPS-BT16821ADGG Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
BT16821ADL PHILIPS-BT16821ADL Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
BT16823ADGG PHILIPS-BT16823ADGG Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
BT16823ADL PHILIPS-BT16823ADL Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
More results

Similar Description - BT168W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT168GW PHILIPS-BT168GW Datasheet
71Kb / 11P
   Thyristors; logic level for RCD/GFI/LCCB applications
Rev. 04-12 November 2004
BT168 PHILIPS-BT168 Datasheet
43Kb / 6P
   Thyristors logic level for RCD/ GFI/ LCCB applications
September 1997 Rev 1.100
BT258S-800R PHILIPS-BT258S-800R Datasheet
49Kb / 6P
   Thyristors logic level
October 2002-Rev 2.000
BT148W PHILIPS-BT148W Datasheet
53Kb / 7P
   Thyristors logic level
October 1997 Rev 1.300
BT150S PHILIPS-BT150S Datasheet
49Kb / 6P
   Thyristors logic level
October 1997 Rev 1.100
logo
Guangdong Kexin Industr...
BT169DW KEXIN-BT169DW Datasheet
79Kb / 2P
   Thyristors logic level
logo
Tiger Electronic Co.,Lt...
C106M TGS-C106M Datasheet
57Kb / 1P
   Thyristors logic level
BT169D TGS-BT169D Datasheet
152Kb / 1P
   Thyristors logic level
logo
NXP Semiconductors
BT169 PHILIPS-BT169 Datasheet
67Kb / 12P
   Thyristors logic level
Rev. 04-23 August 2004
BT148 PHILIPS-BT148 Datasheet
43Kb / 6P
   Thyristors logic level
October 1997 Rev 1.300
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com