Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT100103A500T Datasheet(PDF) 5 Page - Sharma Electro Components,Inc

Part # MKT100103A500T
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT100103A500T Datasheet(HTML) 5 Page - Sharma Electro Components,Inc

  MKT100103A500T Datasheet HTML 1Page - Sharma Electro Components,Inc MKT100103A500T Datasheet HTML 2Page - Sharma Electro Components,Inc MKT100103A500T Datasheet HTML 3Page - Sharma Electro Components,Inc MKT100103A500T Datasheet HTML 4Page - Sharma Electro Components,Inc MKT100103A500T Datasheet HTML 5Page - Sharma Electro Components,Inc MKT100103A500T Datasheet HTML 6Page - Sharma Electro Components,Inc MKT100103A500T Datasheet HTML 7Page - Sharma Electro Components,Inc MKT100103A500T Datasheet HTML 8Page - Sharma Electro Components,Inc MKT100103A500T Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
BOX
SIZE
BULK
TAPED
T x H x L
CARTON
REEL
PACK
AMMO
PACK
2.5 x 6.5 x 7.2
3000
2500
3500
3.0 x 6.5 x 7.2
3000
2100
2900
3.5 x 7.5 x 7.2
2000
1800
2500
4.5 x 9.5 x 7.2
1500
1400
1900
5.0 x 10.0 x 7.2
1000
1200
NA
6.0 x 11.0 x 7.2
2000
1000
NA
7.2 x 13.0 x 7.2
1500
800
NA
Taping Dimensions for MKT 050 Series (5mm Pitch)
DESCRIPTION
DIMENSION
TOLERANCES
mm
Inches
mm
Inches
d
Leadwiredia.
0.5 to 0.6
0.020 to 0.024
±0.05
±0.002
P
Tapingpitch
12.7
0.500
±1
±0.039
P0
Sprocketholepitch
12.7
0.500
±0.2
±0.008
P1
Centering of lead wire
3.85
0.152
±0.7
±0.028
P2
Centering of the body
6.35
0.250
±1.3
±0.051
p
Leadspacing
5
0.197
+0.6/ -1.1 +0.024/ -0.043
dS
Component alignment
0
0.000
±2
±0.079
H
Height from Sproket
16.0, 16.5
0.630, 0.650
±0.5
±0.020
Center to component body
or 18.5
or 0.728
W
Tape width
18
0.709
+1.0/ -0.5 +0.039/ -0.020
W0
Width of adhesive tape
6 min.
0.236 min.
W1
Sprocketholealignment
9
0.354
±0.5
±0.020
D0
Positionholediameter
4
0.157
±0.2
±0.008
t
Tapethickness
0.7
0.028
±0.2
±0.008
Packaging Specifications
Bulk, Tape/Reel & Ammo Pack
INTRODUCTION
The MKT 050 Series Metallized Polyester Film Capacitors are miniature capacitors with 5 mm
lead spacing. This series covers a wide range of values and voltages and exhibit excellent
high frequency characteristics. In addition to specific applications such as Blocking, By-
passing and Coupling, this series is widely used in all General Purpose applications.
FEATURES
Wide value and Voltage range
Ultra miniature size
Flame retardant case and potting
Consistent dimensions and surface finish due to molded case construction
Available in tape & reel form for automatic insertion
Self healing capability
GENERAL SPECIFICATIONS:
Dissipation factor:
For capacitance
≤ 0.1 µF = 0.010 max at 1 KHz, 0.015 max at 10 KHz,
0.030 max at 100 KHz.
For capacitance > 0.1 µF = 0.0010 max at 1 KHz, 0.0015 max at
10 KHz. Insulation resistance:
For nominal voltage < 100 V DC;
≥10,000 M Ohms
for C
≤ 0.10 µF, ≥1,000 seconds for C> 0.10 µF. For nominal voltage ≤ 100 V DC; ≥30,000
M Ohms for C
≤ 0.10 µF, ≥1,000 seconds for C> 0.10 µF at a temperature of 25 ± 5°C.
Capacitance tolerance: ±5%(J), ±10%(K) and ±20%(M) Voltage Test: 1.6 times the rated
voltage applied between terminals for 2 seconds at a temperature of 25 ± 5 °C
Temperature range: -55 to 100 °C with derating above 85 °C Climatic category: F M D
DIMENSIONS
AND
TOLERANCES:
"d"= 0.5 to 0.6mm
(0.020 to 0.024")
for dimension
“T”
≤ 3.5mm
(0.138”)
"d"=0.6 mm (0.024")
for dimension “T” >3.5mm (0.138”)
"LL'' = 4.0 +1.5mm (0.16 +0.06") for Bulk Supply
MKT 050 SERIES
F
Fo
orrm
me
errlly
y M
MK
KT
T 1
1..8
85
5 s
se
erriie
es
s
RATED
Capacitance
dv/dt
VOLTAGE
RangeµF
value
50
0.001-1.0
4
63
0.001-1.0
8
100
>0.0068
10
100
0.0033-0.0068
15
100
>0.0033
30
250
0.001-1.0
20
400
0.001-1.0
40
PULSE RISE TIME (dv/dt) Volts per µsec.
LIFE TEST DETAILS:
Capacitors shall withstand 125% DC rated voltage or 100% AC rated voltage applied at 85 °C for 1000 hours. After the test:
1.
Capacitance change shall remain within ±5%.
2.
Dissipation Factor shall be within 1.5 times the original limits.
3.
Insulation Resistance shall be above 50% of the initial limits.
4.
There shall be no remarkable change in the appearance and the marking shall remain legible.
Sharma Film Capacitors


Similar Part No. - MKT100103A500T

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT100 SHARMA-MKT100 Datasheet
640Kb / 1P
   Film Capacitors
MKT100 SHARMA-MKT100 Datasheet
318Kb / 2P
   Sharma Film Capacitors
MKT100 SHARMA-MKT100_1 Datasheet
318Kb / 2P
   Sharma Film Capacitors
More results

Similar Description - MKT100103A500T

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com