Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPI220292F4040 Datasheet(PDF) 5 Page - PCA ELECTRONICS INC.

Part # EPI220292F4040
Description  Contents Surface Mount Power Inductor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI220292F4040 Datasheet(HTML) 5 Page - PCA ELECTRONICS INC.

  EPI220292F4040 Datasheet HTML 1Page - PCA ELECTRONICS INC. EPI220292F4040 Datasheet HTML 2Page - PCA ELECTRONICS INC. EPI220292F4040 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPI220292F4040 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPI220292F4040 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPI220292F4040 Datasheet HTML 6Page - PCA ELECTRONICS INC. EPI220292F4040 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPI220292F4040 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPI220292F4040 Datasheet HTML 9Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency
switching converters, such as Buck, Boost or as output
averaging filter inductor
• Also suitable for use in high quality filter applications
• 500 KHz Switching Frequency
EPI BH30 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package BH30
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
5.0
12.6
35.2
167
Inductance
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
.0148
.0377
.123
.333
Idc
(Amps)
4.8
2.8
1.40
.94
Part
Number
EPI3L8482BH30
EPI9L6282BH30
EPI290142BH30
EPI111941BH30
Inductance
(µH ± 15%)
@ Idc
3.8
9.6
29
116
Vt
(V-µsec)
@ 500 KHz
1.6
2.6
4.3
9.4
Temp. Rise
@ Idc
(°C Typ.)
57
51
43
51
.425
(10.80)
.360
(9.14)
.430
(10.92)
.360
(9.14)
.400
(10.16)
.060 (1.52)
Suggested
Pad
Latout
PCA
EPIXXXXXXBH30
D.C.
.360
Max.
(9.14)
Note: Coplanarity within .005” Max.
CSIXXXXXXBH30
Rev. 1
12/17/02
• Core Loss @ Vt : 15 mW •


Similar Part No. - EPI220292F4040

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI220292F4040 PCA-EPI220292F4040 Datasheet
47Kb / 1P
   Surface Mount Power Inductors
More results

Similar Description - EPI220292F4040

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com