Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM05DY100DO3-ST-R02 Datasheet(PDF) 7 Page - Sharma Electro Components,Inc

Part # DM05DY100DO3-ST-R02
Description  MICA CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM05DY100DO3-ST-R02 Datasheet(HTML) 7 Page - Sharma Electro Components,Inc

Back Button DM05DY100DO3-ST-R02 Datasheet HTML 3Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 4Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM05DY100DO3-ST-R02 Datasheet HTML 11Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
SUSCO Engineers & Buyers Guide - Mica Sections
Tel: 516-981-6690
Fax: 516-981-6867
MICA CAPACITORS
CAPACITANCE
VOLTAGE
VALUE in pF
300 V DC
100 V DC
50 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 12
C
6.35
4.06
2.29
15 - 20
C
6.35
4.32
2.54
6.35
4.06
2.29
22
C
6.35
4.32
2.54
6.35
4.06
2.54
6.35
4.06
2.29
24
C
6.35
4.32
2.54
6.35
4.32
2.54
6.35
4.06
2.29
27 - 36
E
6.35
4.32
2.79
6.35
4.32
2.54
6.35
4.06
2.29
39
E
6.35
4.57
2.79
6.35
4.32
2.54
6.35
4.06
2.29
43
E
6.35
4.57
3.05
6.35
4.32
2.54
6.35
4.32
2.54
47 - 51
E
6.35
4.57
3.05
6.35
4.32
2.79
6.35
4.32
2.54
56 - 62
E
6.35
4.57
3.30
6.35
4.32
2.79
6.35
4.32
2.54
68
E
6.35
4.83
3.30
6.35
4.57
2.79
6.35
4.32
2.54
75 - 82
E
6.35
4.83
3.56
6.35
4.57
3.05
6.35
4.32
2.54
91
F
6.35
4.83
3.81
6.35
4.57
3.05
6.35
4.32
2.79
100
F
6.35
5.08
4.06
6.35
4.57
3.30
6.35
4.32
2.79
110
F
6.35
5.08
4.06
6.35
4.83
3.30
6.35
4.32
2.79
120
F
6.35
5.33
4.32
6.35
4.83
3.56
6.35
4.32
2.79
130
F
6.35
4.83
3.56
6.35
4.32
2.79
150
F
6.35
4.83
3.81
6.35
4.57
3.05
160
F
6.35
5.08
3.81
6.35
4.57
3.05
170 - 180
F
6.35
5.08
4.06
6.35
4.57
3.05
200
F
6.35
5.33
4.32
6.35
4.57
3.30
220
F
6.35
4.83
3.30
240 - 270
F
6.35
4.83
3.56
300
F
6.35
4.83
3.81
330 - 360
F
6.35
5.08
4.06
390
F
6.35
5.33
4.32
CAPACITANCE
VOLTAGE
VALUE in pF
300 V DC
100 V DC
50 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 12
C
0.250
0.160
0.090
15 - 20
C
0.250
0.170
0.100
0.250
0.160
0.090
22
C
0.250
0.170
0.100
0.250
0.160
0.100
0.250
0.160
0.090
24
C
0.250
0.170
0.100
0.250
0.170
0.100
0.250
0.160
0.090
27 - 36
E
0.250
0.170
0.110
0.250
0.170
0.100
0.250
0.160
0.090
39
E
0.250
0.180
0.110
0.250
0.170
0.100
0.250
0.160
0.090
43
E
0.250
0.180
0.120
0.250
0.170
0.100
0.250
0.170
0.100
47 - 51
E
0.250
0.180
0.120
0.250
0.170
0.110
0.250
0.170
0.100
56 - 62
E
0.250
0.180
0.130
0.250
0.170
0.110
0.250
0.170
0.100
68
E
0.250
0.190
0.130
0.250
0.180
0.110
0.250
0.170
0.100
75 - 82
E
0.250
0.190
0.140
0.250
0.180
0.120
0.250
0.170
0.100
91
F
0.250
0.190
0.150
0.250
0.180
0.120
0.250
0.170
0.110
100
F
0.250
0.200
0.160
0.250
0.180
0.130
0.250
0.170
0.110
110
F
0.250
0.200
0.160
0.250
0.190
0.130
0.250
0.170
0.110
120
F
0.250
0.210
0.170
0.250
0.190
0.140
0.250
0.170
0.110
130
F
0.250
0.190
0.140
0.250
0.170
0.110
150
F
0.250
0.190
0.150
0.250
0.180
0.120
160
F
0.250
0.200
0.150
0.250
0.180
0.120
170 - 180
F
0.250
0.200
0.160
0.250
0.180
0.120
200
F
0.250
0.210
0.170
0.250
0.180
0.130
220
F
0.250
0.190
0.130
240 - 270
F
0.250
0.190
0.140
300
F
0.250
0.190
0.150
330 - 360
F
0.250
0.200
0.160
390
F
0.250
0.210
0.170
SCDM 05 Mica Capacitors
SCDM05
Case
Dimensions
in Millimeters
Lead Spacing:
3.05 ± 0.8mm
SCDM05
Case
Dimensions
in Inches
Lead Spacing:
0.120 ± 0.031”
Note: Bold Outlined Sections indicate SUSCO Standard items.
DIMENSIONS:
LL = 31.75 mm (1.25”) min.


Similar Part No. - DM05DY100DO3-ST-R02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM05DY102JO3-RHAR02 SHARMA-DM05DY102JO3-RHAR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
DM05DY102JO3-RHR02 SHARMA-DM05DY102JO3-RHR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
DM05DY102JO3-RHTR02 SHARMA-DM05DY102JO3-RHTR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
DM05DY102KO3-RHAR02 SHARMA-DM05DY102KO3-RHAR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
DM05DY102KO3-RHR02 SHARMA-DM05DY102KO3-RHR02 Datasheet
640Kb / 18P
   MICA CAPACITORS
More results

Similar Description - DM05DY100DO3-ST-R02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
   MICA CAPACITORS
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com