Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24123RHLR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24123RHLR
Description  SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24123RHLR Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24123RHLR Datasheet HTML 3Page - Texas Instruments BQ24123RHLR Datasheet HTML 4Page - Texas Instruments BQ24123RHLR Datasheet HTML 5Page - Texas Instruments BQ24123RHLR Datasheet HTML 6Page - Texas Instruments BQ24123RHLR Datasheet HTML 7Page - Texas Instruments BQ24123RHLR Datasheet HTML 8Page - Texas Instruments BQ24123RHLR Datasheet HTML 9Page - Texas Instruments BQ24123RHLR Datasheet HTML 10Page - Texas Instruments BQ24123RHLR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
TYPICAL APPLICATION CIRCUITS
3
IN
4
IN
6
VCC
2
STAT1
19 STAT2
5
PG
7
TTC
16 CE
10 VSS
13 NC
OUT 1
OUT 20
PGND 17
PGND 18
SNS 15
BAT 14
ISET1 8
ISET2 9
TS 12
VTSB 11
V
IN
10mF
10mH
L
O
C
IN
C
OUT
R
SNS
0.1W
1.5 KW
1.5 KW
1.5 KW
Charge
Done
Adapter
Present
7.5 KW
7.5 KW
0.1 F
m
9.31 KW
442 KW
VTSB
RT1
RT2
R
R
ISET1
ISET2
103AT
Battery
Pack
Pack-
Pack+
0.1 F
m
0.1 F
m
0.1 F
m
10 F
m
C
TTC
BQ24120
0.1 F
m
0.1 F
m
3
IN
4
IN
6
VCC
2
STAT1
19 STAT2
5
PG
7
TTC
16 CE
10 VSS
13 CELLS
OUT 1
OUT 20
PGND 17
PGND 18
SNS 15
BAT 14
ISET1 8
ISET2 9
TS 12
VTSB 11
V
IN
10mF
10
H
m
L
O
C
IN
C
C
R
R
OUT
TTC
T2
T1
R
SNS
0.1W
1.5 KW
1.5 KW
1.5 KW
10 F
m
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
Charge
Done
Adapter
Present
7.5 KW
7.5 KW
9.31 KW
442 KW
VTSB
RISET1
RISET2
103AT
Battery
Pack
Pack-
Pack+
10 KW
V
IN
BQ24123
bq24120
bq24123
SLUS688 – MARCH 2006
I
CHARGE = 1.3A, IPRECHARGE = 133mA, Charge Safety Timer = 5.0 hours, Battery Charging Qualification Temperature Range =
0
°C to 45°C
Figure 1. Stand-Alone 1-Cell Application
Figure 2. Stand-Alone 2-Cells Application
7
Submit Documentation Feedback


Similar Part No. - BQ24123RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24123RHLR TI-BQ24123RHLR Datasheet
1Mb / 36P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
BQ24123RHLR TI1-BQ24123RHLR Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24123RHLRG4 TI-BQ24123RHLRG4 Datasheet
1Mb / 36P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
BQ24123RHLRG4 TI1-BQ24123RHLRG4 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
More results

Similar Description - BQ24123RHLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24120 TI-BQ24120_07 Datasheet
1Mb / 36P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_07 Datasheet
1,017Kb / 36P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com