Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

16YQ100C Datasheet(PDF) 2 Page - International Rectifier

Part # 16YQ100C
Description  SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

16YQ100C Datasheet(HTML) 2 Page - International Rectifier

  16YQ100C Datasheet HTML 1Page - International Rectifier 16YQ100C Datasheet HTML 2Page - International Rectifier 16YQ100C Datasheet HTML 3Page - International Rectifier 16YQ100C Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
16YQ100C
2
www.irf.com
Part number
16YQ100C
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
100
Parameters
Limits
Units
Conditions
IF(AV) Max. Average Forward Current
16
A
50% duty cycle @ TC = 132°C, square waveform
See Fig. 5
IFSM
Max. Peak One Cycle Non - Repetitive
250
A
@ tp = 8.3 ms half-sine
Surge Current
Absolute Maximum Ratings
Q Pulse Width < 300µs, Duty Cycle < 2%
Parameters
Limits
Units
Conditions
TJ
Max.Junction Temperature Range
-55 to 150
°C
Tstg
Max. Storage Temperature Range
-55 to 150
°C
RthJC Max. Thermal Resistance, Junction
1.15
°C/W
DC operation
See Fig. 4
to Case
wt
Weight (Typical)
4.3
g
Die Size
200X200
mils
Case Style
TO-257AA
Thermal-Mechanical Specifications
Parameters
Limits
Units
Conditions
VFM
Max. Forward Voltage Drop
0.76
V
@ 15A
TJ = -55°C
See Fig. 1
Q
0.64
V
@ 7.5A
0.785
V
@ 15A
TJ = 25°C
0.60
V
@ 7.5A
0.71
V
@ 15A
TJ = 125°C
0.54
V
@ 7.5A
IRM
Max. Reverse Leakage Current
0.04
mA
TJ = 25°C
See Fig. 2
Q
7.1
mA
TJ = 100°CVR = rated VR
30
mA
TJ = 125°C
CT
Max. Junction Capacitance
1400
pF
VR = 5VDC ( 1MHz, 25°C )
L S
Typical Series Inductance
9.8
nH
Measured from anode lead to cathode lead
Electrical Specifications
6mm ( 0.025 in.) from package


Similar Part No. - 16YQ100C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16YQ100C IRF-16YQ100C Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
16YQ100C IRF-16YQ100C_15 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
More results

Similar Description - 16YQ100C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SCLQ030 IRF-80SCLQ030 Datasheet
50Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ150C IRF-16YQ150C Datasheet
54Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
20CLQ045 IRF-20CLQ045 Datasheet
75Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
35CGQ150 IRF-35CGQ150 Datasheet
43Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
15JGQ100 IRF-15JGQ100 Datasheet
123Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16YQ045C IRF-16YQ045C Datasheet
55Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
80SCLQ060 IRF-80SCLQ060 Datasheet
52Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16SYQ030C IRF-16SYQ030C Datasheet
52Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
12CGQ150SCV IRF-12CGQ150SCV Datasheet
125Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16CYQ150C IRF-16CYQ150C Datasheet
58Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
16JYQ100C IRF-16JYQ100C Datasheet
102Kb / 4P
   SCHOTTKY RECTIFIER HIGH EFFICIENCY SERIES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com