Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPI220122F2626L Datasheet(PDF) 9 Page - PCA ELECTRONICS INC.

Part # EPI220122F2626L
Description  Contents Surface Mount Power Inductor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI220122F2626L Datasheet(HTML) 9 Page - PCA ELECTRONICS INC.

Back Button EPI220122F2626L Datasheet HTML 5Page - PCA ELECTRONICS INC. EPI220122F2626L Datasheet HTML 6Page - PCA ELECTRONICS INC. EPI220122F2626L Datasheet HTML 7Page - PCA ELECTRONICS INC. EPI220122F2626L Datasheet HTML 8Page - PCA ELECTRONICS INC. EPI220122F2626L Datasheet HTML 9Page - PCA ELECTRONICS INC. EPI220122F2626L Datasheet HTML 10Page - PCA ELECTRONICS INC. EPI220122F2626L Datasheet HTML 11Page - PCA ELECTRONICS INC. EPI220122F2626L Datasheet HTML 12Page - PCA ELECTRONICS INC. EPI220122F2626L Datasheet HTML 13Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• 250 KHz & 500 KHz Switching Frequency
EPI BH38 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXBH38
Rev. 2
3/5/03
0.9
1.3
1.76
Induct.
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
.0016
.0024
.0028
Vt1
(V-µSec)
250 KHz
1.8
1.6
2.6
@ Vt1
°C (Typ.)
39
47
47
Induct.
(µH 20%)
@ Idc
0.72
0.99
1.31
Part
Number
EPI0L7143BH38
EPI0L9133BH38
EPI1L3123BH38
Core Loss
Idc
(A)
14
13.3
12
Vt2
(V-µSec)
500 KHz
1.2
1.04
1.7
@ Vt2
°C (Typ.)
39
47
47
Temp.Rise
47
22.4
47
@ Vt1
(mW)
@ Vt2
(mW)
47
22.4
47
Package BH38
Schematic
.600
Max.
(15.24)
.615
Max.
(15.62)
.500
(12.70)
.440
(11.18)
.080 (2.03)
PCA
CSIXXXXXXBH38
D.C.
.370 Max.
(9.40)
Pad
Layout
.500
(12.70)
Pin 1
I.D.
*Coil must clear Seating Plane by .010/0.25
Coplanarity : .005/.013
*Seating Plane


Similar Part No. - EPI220122F2626L

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI220122F2220 PCA-EPI220122F2220 Datasheet
36Kb / 1P
   Miniature SMT Power Inductor
More results

Similar Description - EPI220122F2626L

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com