Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISD2575X Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ISD2575X
Description  Single-Chip Voice Record/Playback Devices 32-, 40-, 48-, 64-,60-,75,90-, and 120-Second Durations
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ISD2575X Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ISD2575X Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD2575X Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD2575X Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD2575X Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD2575X Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD2575X Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD2575X Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD2575X Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD2575X Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Product Data Sheets
ISD2500 Series
1–88
-1
ISD1000A COMPATIBILITY
The ISD2500 Series of devices is designed to pro-
vide upward compatibility with the ISD1000A
family. When designing with the ISD2500 Series,
the
following
differences
should
be
noted.
Addressing
The ISD2560/75/90/120 devices have 480K stor-
age cells designed to provide 60 seconds of
storage at a sampling rate of 8.0 KHz. This is
approximately four times the storage of the
ISD1000A family. To enable the same addressing
resolution, two additional address pins have been
added. The address space of each device is divis-
ible into 300 increments with valid addressing from
00 to 13F Hex. Some higher addresses are
mapped into the Operational Modes. All other
addresses are invalid.
The ISD2532/40/48/64 devices have 256K storage
cells designed to provide 32 seconds of storage at
a sampling rate of 8.0 KHz. This is twice the
amount of storage of the ISD1000A family. To
enable the same addressing resolution, one addi-
tional address pin has been added. The address
space of each device is divisable into 320 incre-
ments with valid addressing from 00 to 13F Hex.
Overflow
The ISD1000A Series combined two functions on
the EOM pin: end-of-message indication and over-
flow. The ISD2500 separates these two functions.
Pin 25 (PDIP package) remains as EOM, but out-
puts only the EOM signal indication. Pin 22 (PDIP
package) becomes OVF and pulses LOW only
when the device reaches its end of memory, or is
“full.” This change allows easy message cueing
and addressability across device boundaries. This
also means that the M2 operational mode found in
the ISD1000A family is not implemented in the
ISD2500 Series.
Push-Button Mode
The ISD2500 Series includes an additional Opera-
tional Mode called Push-Button mode. This
provides an alternative interface to the Record and
Playback functions of the part. The CE and PD
pins become redefined as edge-activated “push-
buttons.” A pulse on CE initiates a cycle, and if
triggered again, pauses the current cycle without
resetting the address pointer (i.e., a Start or Pause
function). PD stops any current cycle and resets
the address pointer to the beginning of the mes-
sage space (i.e., a Stop and Reset function).
Additionally, the EOM pin functions as an active-
HIGH run indicator, and can be used to drive an
LED indicating a Record or Playback operation is
in progress. Devices in the Push-Button mode can-
not be cascaded.
Looping Mode
The ISD2500 Series can loop with a message that
completely fills the memory space.
NOTE
Additional descriptions of ISD2500 device
functionality and application examples are
provided in the ISD Application Notes and
Design Manual in this book.
* Advance information: ISD2532/40/48/64 devices.


Similar Part No. - ISD2575X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD2575X ETC1-ISD2575X Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
More results

Similar Description - ISD2575X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD2560 ETC1-ISD2560 Datasheet
801Kb / 26P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD33060 ETC-ISD33060 Datasheet
1Mb / 30P
   Single-Chip Voice Record/Playback Devices 60-, 75-, 90-, and 120-Second Durations
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
ISD4002 ETC-ISD4002 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 120-, 150-, 180-, and 240-Second Durations
logo
Winbond
ISD2532 WINBOND-ISD2532 Datasheet
1Mb / 42P
   SINGLE-CHIP, MULTIPLE-MESSAGES, VOICE RECORD/PLAYBACK DEVICE 32-, 40-, 48-, AND 64-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1600B NUVOTON-ISD1600B Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
List of Unclassifed Man...
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com