Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIP21107DT-25-E3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP21107DT-25-E3
Description  150-mA Low Noise, Low Dropout Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP21107DT-25-E3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIP21107DT-25-E3 Datasheet HTML 4Page - Vishay Siliconix SIP21107DT-25-E3 Datasheet HTML 5Page - Vishay Siliconix SIP21107DT-25-E3 Datasheet HTML 6Page - Vishay Siliconix SIP21107DT-25-E3 Datasheet HTML 7Page - Vishay Siliconix SIP21107DT-25-E3 Datasheet HTML 8Page - Vishay Siliconix SIP21107DT-25-E3 Datasheet HTML 9Page - Vishay Siliconix SIP21107DT-25-E3 Datasheet HTML 10Page - Vishay Siliconix SIP21107DT-25-E3 Datasheet HTML 11Page - Vishay Siliconix SIP21107DT-25-E3 Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.vishay.com
8
Document Number: 74442
S-70067–Rev. B, 22-Jan-07
Vishay Siliconix
SiP21106/7/8
New Product
TYPICAL CHARACTERISTICS
Ground Current vs. Output Current
PSRR
Output Noise vs. BP Capacitance
25
30
35
40
45
50
0
25
50
75
100
125
150
IOUT (mA)
VIN = 5.5 V
VIN = 3.8 V
SiP21106: 2.8 V
Frequency (Hz)
0.01K
-10
0
10
20
30
40
50
60
70
80
SiP21106: 2.8 V
VIN = 3.8 V
VOUT = 3.0 V
CIN = 1 µF
COUT = 1 µF
CBP = 10 nF
IOUT = 100 mA
IOUT = 0 mA
IOUT = 150 mA
0.1K
1K
10K
100K
1000K
0
0.001
0.0056
0.01
0.056
0.1
BP Capacitance (µF)
SiP21106: 2.8 V
50
100
150
200
250
300
350
400
Ground Current vs. Input Voltage at 25 °C
Output Voltage Accuracy vs. Load Current
0
10
20
30
40
50
0.0
1.0
2.0
3.0
4.0
5.0
VIN (V)
IOUT = 150 mA
IOUT = 1 mA
SiP21106: 2.8 V
2.720
2.740
2.760
2.780
2.800
2.820
- 40
- 15
10
3560
85
Temperature (°C)
IOUT = 1 mA
IOUT = 150 mA
IOUT = 50 mA
SiP21106: 2.8 V
VIN = 3.8 V


Similar Part No. - SIP21107DT-25-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP21107DT-25-E3 VISHAY-SIP21107DT-25-E3 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21107DT-25-E3 VISHAY-SIP21107DT-25-E3 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
More results

Similar Description - SIP21107DT-25-E3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106_09 Datasheet
570Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
Rev. G, 08-Jun-09
SIP21106 VISHAY-SIP21106_V01 Datasheet
679Kb / 19P
   150-mA Low Noise, Low Dropout Regulator
01-Jan-2022
logo
Texas Instruments
37136 TI-37136 Datasheet
933Kb / 17P
[Old version datasheet]   Micropower 150 mA Low-Noise Low-Dropout Regulator
logo
ON Semiconductor
NCP500 ONSEMI-NCP500 Datasheet
121Kb / 20P
   150 mA CMOS Low Noise Low-Dropout Voltage Regulator
January, 2004 ??Rev. 16
logo
Texas Instruments
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com