Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GC5318IZED Datasheet(PDF) 6 Page - Texas Instruments

Part # GC5318IZED
Description  HIGH-DENSITY DIGITAL UPCONVERTER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

GC5318IZED Datasheet(HTML) 6 Page - Texas Instruments

Back Button GC5318IZED Datasheet HTML 2Page - Texas Instruments GC5318IZED Datasheet HTML 3Page - Texas Instruments GC5318IZED Datasheet HTML 4Page - Texas Instruments GC5318IZED Datasheet HTML 5Page - Texas Instruments GC5318IZED Datasheet HTML 6Page - Texas Instruments GC5318IZED Datasheet HTML 7Page - Texas Instruments GC5318IZED Datasheet HTML 8Page - Texas Instruments GC5318IZED Datasheet HTML 9Page - Texas Instruments GC5318IZED Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
www.ti.com
2.1.1
Transmit Serial Input Interface
4
2
I
Q
I
MSB
I
MSB-1
Q
MSB
Q
MSB-1
PinsFromAdjacentDUC
1UMTS
1UMTS
2CDMA
txin_X_a
txin_X_b
CHA
InterleavedI,Q
CHB
InterleavedI,Q
DUCBlock
CDMADUCChannelA
CDMADUCChannelB
Frame
Delay
Clkdiv
Sync
FrameStrobe
SharedbetweentwoDUCblocks,thatis:2kand2k+1,k=0to5.
GC5318
HIGH-DENSITY DIGITAL UPCONVERTER
SLWS187 – JULY 2006
This section describes the functions available in each of the 12 DUC blocks. Each block has its own
register set and may be programmed individually. The final output rates of all DUC blocks must match
since they are added together.
Figure 2-2 illustrates the different signal processing blocks and general signal processing flow of an
individual transmit channel. Within a block, a single set of hardware performs these functions for one
UMTS signal or two CDMA signals. When processing two CDMA signals, the gain, round, power meter,
PFIR and CFIR blocks are time-shared to process both signals with one set of hardware. Each DUC can
support one UMTS channel or two CDMA channels.
Each block accepts baseband serial data. At this point, the gain can be adjusted and a pilot sequence can
be summed with the data. Baseband data gain adjusted and the pilot signal power can be measured. The
programmable FIR filter (PFIR) is used to pulse shape the data and interpolates by a factor of two. The
compensating CIC filter (CFIR) compensates for the roll-off of the following CIC filter and also interpolates
by a factor of two. The CIC filter performs additional interpolation; this additional interpolation is
programmable. The delay adjust block permits the channel's delay to be adjusted relative to all other DUC
channels.
The interpolated, filtered, and delayed data is then tuned to a user-programmed frequency with a digital
mixer and oscillator. The DUC output data then drives four independent sum chain paths, where output
data from each DUC can be summed into four composite streams.
Each function block is described in greater detail in subsequent sections.
Table 2-1. Programming
VARIABLE
DESCRIPTION
cdma_mode
When set, the DUC block is in CDMA2000 mode.
Figure 2-3. Transmit Serial Input Interface
6
GC5318 Operation


Similar Part No. - GC5318IZED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5316 TI-GC5316 Datasheet
798Kb / 75P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5316 TI1-GC5316 Datasheet
796Kb / 76P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5316IZED TI-GC5316IZED Datasheet
798Kb / 75P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5316 TI1-GC5316_14 Datasheet
796Kb / 76P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
More results

Similar Description - GC5318IZED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5316 TI-GC5316 Datasheet
798Kb / 75P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
GC5316 TI1-GC5316_14 Datasheet
796Kb / 76P
[Old version datasheet]   HIGH-DENSITY DIGITAL DOWNCONVERTER AND UPCONVERTER
logo
Intersil Corporation
HSP50215 INTERSIL-HSP50215 Datasheet
157Kb / 21P
   Digital UpConverter
logo
Analog Devices
AD9163 AD-AD9163_17 Datasheet
2Mb / 126P
   RF DAC and Digital Upconverter
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
   1 GSPS Quadrature Digital Upconverter
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
   1 GSPS Quadrature Digital Upconverter
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856 Datasheet
429Kb / 32P
   CMOS 200 MHz Quadrature Digital Upconverter
REV. B
AD9856 AD-AD9856_17 Datasheet
749Kb / 37P
   CMOS 200 MHz Quadrature Digital Upconverter
AD9857 AD-AD9857 Datasheet
551Kb / 31P
   CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com