Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDL226K50CB Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # TDL226K50CB
Description  Tantalum Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

TDL226K50CB Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  TDL226K50CB Datasheet HTML 1Page - Sharma Electro Components,Inc TDL226K50CB Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Capacitance
Rated Voltage V DC
µ F
Code
6.3
10
16
20
25
35
50
0.1
104
A
A
0.15
154
A
A
0.22
224
A
A
0.33
334
A
A
0.47
474
A
A
0.68
684
A
B
1
105
A
A
A
C
1.5
155
A
A
A
A
D
2.2
225
A
A
A
A
B
E
3.3
335
A
A
A
B
B
C
F
4.7
475
A
A
B
C
C
E
G
6.8
685
A
B
C
D
D
F
H
10
106
B
C
D
E
E
F
J
15
156
C
D
E
F
F
H
K
22
226
D
E
F
H
H
K
L
33
336
E
F
F
J
J
M
47
476
F
G
J
K
M
N
68
686
G
H
L
N
N
100
107
H
K
N
N
150
157
K
N
N
220
227
M
P
330
337
P
GENERAL SPECIFICATIONS
CAPACITANCE: 0.1 µF to 330 µF.
VOLTAGE RANGE: 6.3VDC to 50VDC.
CAPACITANCE TOLERANCE: ±20%, ±10%,( 5% upon request).
TEMPERATURE RANGE: -55°C to +125°C with Derating above
85°C as per Table 4.
DISSIPATION FACTOR: 0.1 to 1.5µF
≤4%, 2.2 to 6.8µF ≤6%,
10 to 68µF
≤8%, >68µF ≤10% at 120Hz.
LEAKAGE CURRENT: Not More Than 0.01CV µ Amps or
0.5 µA which ever is greater.
FAILURE RATE: 1% per 1000 Hrs.
LIFE TEST DETAILS
Capacitors shall withstand rated DC Voltage applied
at 85˚C for 2,000 Hours. After the test:
1. Capacitance change shall not exceed ±10% of the
initial value.
2. Dissipation factor shall be within the normal
specified limits.
3. Leakage current shall be within the normal
specified limit.
4. No remarkable change in the appearance. Marking
shall remain legible.
INTRODUCTION
The TD Series, due to its good electrical characteristics, is
recommended for professional and industrial applications. The
extremely stable oxide layer of the TD solid tantalum capacitor
allows only a very low leakage current even after long storage. The
solid electrolyte provides stable electrical performance over wide
ranges and long time periods.
VR
6.3
10
16
20
25
35
50
VO
4
6.3
10
13
16
22
32
VS
5
8
13
16
20
28
40
TABLE 4
VOLTAGE DERATING (85°C - 125°C)
VR - Rated Voltage, VO - Operating
Voltage, VS - Surge Voltage
TD SERIES
FEATURES:
HIGH TEMPERATURE RANGE OF -55 TO +125°C
LOW LEAKAGE CURRENT AND DISSIPATION FACTOR
COMPACT SIZE FOR SPACE SAVING DESIGN
NO DEGRADATION EVEN AFTER PROLONGED STORAGE
HUMIDITY, SHOCK AND VIBRATION RESISTANT
SELF INSULATING ENCAPSULATION
DECREASING FAILURE RATE INDICATING ABSENCE OF
“WEAR-OUT” MECHANISM
Case
Dimensions in mm
DimensionsinInches
Code
D max.
H max.
D max.
H max.
A
4.5
8.5
0.177
0.335
B
4.5
9.0
0.177
0.354
C
5.0
10.0
0.197
0.394
D
5.0
10.5
0.197
0.413
E
5.5
10.5
0.217
0.413
F
6.0
11.5
0.236
0.453
G
6.5
11.5
0.256
0.453
H
7.0
12.0
0.276
0.472
J
8.0
13.0
0.315
0.512
K
8.5
14.0
0.335
0.551
L
9.0
14.0
0.354
0.551
M
9.0
14.5
0.354
0.571
N
9.0
16.0
0.354
0.630
P
10.0
17.0
0.394
0.669
R
10.0
18.5
0.394
0.728
Case Dimensions TD Series
Case Codes TD Series
Sharma Tantalum Capacitors
RoHS Compliant
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


Similar Part No. - TDL226K50CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDL2 ETC2-TDL2 Datasheet
331Kb / 10P
   UHF Transparent Data Link transceiver
logo
TRACO Electronic AG
TDL2 TRACOPOWER-TDL2 Datasheet
249Kb / 3P
   TDL 2 Series, 2 Watt
Rev. December 15, 2021
TDL2-0510 TRACOPOWER-TDL2-0510 Datasheet
249Kb / 3P
   TDL 2 Series, 2 Watt
Rev. December 15, 2021
TDL2-0511 TRACOPOWER-TDL2-0511 Datasheet
249Kb / 3P
   TDL 2 Series, 2 Watt
Rev. December 15, 2021
TDL2-0512 TRACOPOWER-TDL2-0512 Datasheet
249Kb / 3P
   TDL 2 Series, 2 Watt
Rev. December 15, 2021
More results

Similar Description - TDL226K50CB

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Sharma Electro Componen...
SAL SHARMA-SAL Datasheet
449Kb / 2P
   Tantalum Capacitors
SAJ SHARMA-SAJ Datasheet
459Kb / 3P
   Tantalum Capacitors
SAF SHARMA-SAF Datasheet
446Kb / 2P
   Tantalum Capacitors
SAH SHARMA-SAH Datasheet
450Kb / 2P
   Tantalum Capacitors
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com