Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT139-600G Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT139-600G
Description  Triacs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT139-600G Datasheet(HTML) 2 Page - NXP Semiconductors

  BT139-600G Datasheet HTML 1Page - NXP Semiconductors BT139-600G Datasheet HTML 2Page - NXP Semiconductors BT139-600G Datasheet HTML 3Page - NXP Semiconductors BT139-600G Datasheet HTML 4Page - NXP Semiconductors BT139-600G Datasheet HTML 5Page - NXP Semiconductors BT139-600G Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BT139 series
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance
full cycle
-
-
1.2
K/W
junction to mounting base
half cycle
-
-
1.7
K/W
R
th j-a
Thermal resistance
in free air
-
60
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BT139-
...
...F
...G
I
GT
Gate trigger current
V
D = 12 V; IT = 0.1 A
T2+ G+
-
5
35
25
50
mA
T2+ G-
-
8
35
25
50
mA
T2- G-
-
10
35
25
50
mA
T2- G+
-
22
70
70
100
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
7
40
40
60
mA
T2+ G-
-
20
60
60
90
mA
T2- G-
-
8
40
40
60
mA
T2- G+
-
10
60
60
90
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
-
6
30
30
60
mA
V
T
On-state voltage
I
T = 20 A
-
1.2
1.6
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A;
0.25
0.4
-
V
T
j = 125 ˚C
I
D
Off-state leakage current
V
D = VDRM(max);
-
0.1
0.5
mA
T
j = 125 ˚C
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
BT139-
...
...F
...G
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max);
100
50
200
250
-
V/
µs
off-state voltage
T
j = 125 ˚C; exponential
waveform; gate open
circuit
dV
com/dt
Critical rate of change of
V
DM = 400 V; Tj = 95 ˚C;
-
-
10
20
-
V/
µs
commutating voltage
I
T(RMS) = 16 A;
dI
com/dt = 7.2 A/ms; gate
open circuit
t
gt
Gate controlled turn-on
I
TM = 20 A; VD = VDRM(max);-
-
-
2
-
µs
time
I
G = 0.1 A; dIG/dt = 5 A/µs
September 1997
2
Rev 1.200


Similar Part No. - BT139-600G

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
BT139-600G TECCOR-BT139-600G Datasheet
2Mb / 223P
   Thyristor Product Catalog
logo
WeEn Semiconductors
BT139-600G0 WEEN-BT139-600G0 Datasheet
465Kb / 13P
   4Q Triac
BT139-600G0T WEEN-BT139-600G0T Datasheet
466Kb / 13P
   4Q Triac
More results

Similar Description - BT139-600G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com