Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7134SA20L48I Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT7134SA20L48I
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134SA20L48I Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT7134SA20L48I Datasheet HTML 3Page - Integrated Device Technology IDT7134SA20L48I Datasheet HTML 4Page - Integrated Device Technology IDT7134SA20L48I Datasheet HTML 5Page - Integrated Device Technology IDT7134SA20L48I Datasheet HTML 6Page - Integrated Device Technology IDT7134SA20L48I Datasheet HTML 7Page - Integrated Device Technology IDT7134SA20L48I Datasheet HTML 8Page - Integrated Device Technology IDT7134SA20L48I Datasheet HTML 9Page - Integrated Device Technology IDT7134SA20L48I Datasheet HTML 10Page - Integrated Device Technology IDT7134SA20L48I Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IDT7134SA/LA
High-Speed 4K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
8
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(5,7)
NOTES:
1. Transition is measured ±500mV from Low or High-impedance voltage with Output Test Load (Figure 2).
2. This parameter is guaranteed by device characterization, but is not production tested.
3. The specification for tDH must be met by the device supplying write data to the RAM under all operating conditions. Although tDH and tOW values will vary over voltage and
temperature, the actual tDH will always be smaller than the actual tOW.
4. Port-to-port delay through RAM cells from writing port to reading port, refer to “Timing Waveform of Write with Port-to-Port Read”.
5. 'X' in part number indicates power rating (SA or LA).
6. tDDD = 35ns for military temperature range.
7. Industrial temperature: for other speeds, packages and powers contact your sales office.
Symbol
Parameter
7134X20
Com'l Only
7134X25
Com'l &
Military
7134X35
Com'l &
Military
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
20
____
25
____
35
____
ns
tEW
Chip Enable to End-of-Write
15
____
20
____
30
____
ns
tAW
Address Valid to End-of-Write
15
____
20
____
30
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWP
Write Pulse Width
15
____
20
____
25
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
15
____
15
____
20
____
ns
tHZ
Output High-Z Time(1,2)
____
15
____
15
____
20
ns
tDH
Data Hold Time(3)
0
____
0
____
3
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
15
____
15
____
20
ns
tOW
Output Active from End-of-Write(1,2,3)
3
____
3
____
3
____
ns
tWDD
Write Pulse to Data Delay(4)
____
40
____
50
____
60
ns
tDDD
Write Data Valid to Read Data Delay(4,6)
____
30
____
30
____
35
ns
2720 tbl 10a
Symbol
Parameter
7134X45
Com'l &
Military
7134X55
Com'l, Ind
& Military
7134X70
Com'l &
Military
Unit
Min.
Max.
Min.
Max.
Min.
Max.
WRITE CYCLE
tWC
Write Cycle Time
45
____
55
____
70
____
ns
tEW
Chip Enable to End-of-Write
40
____
50
____
60
____
ns
tAW
Address Valid to End-of-Write
40
____
50
____
60
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWP
Write Pulse Width
40
____
50
____
60
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
20
____
25
____
30
____
ns
tHZ
Output High-Z Time(1,2)
____
20
____
25
____
30
ns
tDH
Data Hold Time(3)
3
____
3
____
3
____
ns
tWZ
Write Enable to Output in High-Z(1,2)
____
20
____
25
____
30
ns
tOW
Output Active from End-of-Write(1,2,3)
3
____
3
____
3
____
ns
tWDD
Write Pulse to Data Delay(4)
____
70
____
80
____
90
ns
tDDD
Write Data Valid to Read Data Delay(4,6)
____
45
____
55
____
70
ns
2720 tbl 10b


Similar Part No. - IDT7134SA20L48I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134SA20L48 IDT-IDT7134SA20L48 Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7134SA20L48B IDT-IDT7134SA20L48B Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7134SA20L48I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7134SA55J IDT-7134SA55J Datasheet
126Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134SA IDT-IDT7134SA_18 Datasheet
136Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA_18 Datasheet
205Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com