Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAQ2909NE Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MAQ2909NE
Description  RADIATION HARD MICROPROGRAM SEQUENCER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MAQ2909NE Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MAQ2909NE Datasheet HTML 3Page - List of Unclassifed Manufacturers MAQ2909NE Datasheet HTML 4Page - List of Unclassifed Manufacturers MAQ2909NE Datasheet HTML 5Page - List of Unclassifed Manufacturers MAQ2909NE Datasheet HTML 6Page - List of Unclassifed Manufacturers MAQ2909NE Datasheet HTML 7Page - List of Unclassifed Manufacturers MAQ2909NE Datasheet HTML 8Page - List of Unclassifed Manufacturers MAQ2909NE Datasheet HTML 9Page - List of Unclassifed Manufacturers MAQ2909NE Datasheet HTML 10Page - List of Unclassifed Manufacturers MAQ2909NE Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MA2909/11
7
DC CHARACTERISTICS AND RATINGS
Parameter
Min
Max
Units
Supply Voltage
-0.5
7
V
Input Voltage
-0.3
VDD+0.3
V
Current Through Any Pin
-
20
mA
Operating Temperature
-55
125
°C
Storage Temperature
-65
150
°C
Note: Stresses above those listed may cause permanent
damage to the device. This is a stress rating only and
functional operation of the device at these conditions, or at
any other condition above those indicated in the operations
section of this specification, is not implied. Exposure to
absolute maximum rating conditions for extended periods
may affect device reliability.
Table 5: Absolute Maximum Ratings
Subgroup
Definition
1
Static characteristics specified in Table 7 at +25°C
2
Static characteristics specified in Table 7 at +125°C
3
Static characteristics specified in Table 7 at -55°C
7
Functional characteristics at +25°C
8a
Functional characteristics at +125°C
8b
Functional characteristics at -55°C
9
Switching characteristics specified in Tables 8, 9 and 10 at +25°C
10
Switching characteristics specified in Tables 8, 9 and 10 at +125°C
11
Switching characteristics specified in Tables 8, 9 and 10 at -55°C
Table 6: Definition of Subgroups
Symbol
VOH
VOL
VIH
VIL
IIH
IIL
IOZH
IOZL
IDD
Parameter
Output high voltage
Output low voltage
Input high level (Note 1)
Input low level (Note 1)
Input high current
Input low current
Tristate high current
Tristate low current
Power supply current
Conditions
VDD = Min., IOH = -2.6mA, VIN = VIH or VIL
VDD = Max., IOL = 16 mA, VIN = VIH or VIL
Guaranteed input logical high voltage for all inputs
Guaranteed input logical low voltage for all inputs
VIN = VDD (Note 3)
VIN = VSS (Note 3)
VO = VDD (Note 3)
VO = VSS (Note 3)
Units
V
V
V
V
µA
µA
µA
µA
mA
Max.
-
0.5
-
0.8
10
-10
50
-50
10
Min.
VDD -0.5
-
VDD/2
-
-
-
-
-
-
NOTES:
Mil-Std-883, Method 5005, Subgroups 1, 2, 3.
1. These input levels provide no guaranteed noise immunity and should only be static tested in a noise-free environment.
2. VDD = 5V ±10%, over full operating temperature range.
3. Guaranteed but not tested at low temperatures.
Table 7: DC Operating Characteristics


Similar Part No. - MAQ2909NE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MAQ2901CB ZARLINK-MAQ2901CB Datasheet
261Kb / 13P
   RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAQ2901CC ZARLINK-MAQ2901CC Datasheet
261Kb / 13P
   RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAQ2901CD ZARLINK-MAQ2901CD Datasheet
261Kb / 13P
   RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAQ2901CE ZARLINK-MAQ2901CE Datasheet
261Kb / 13P
   RADIATION HARD 4-BIT MICROPROCESSOR SLICE
MAQ2901CL ZARLINK-MAQ2901CL Datasheet
261Kb / 13P
   RADIATION HARD 4-BIT MICROPROCESSOR SLICE
More results

Similar Description - MAQ2909NE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA2910 ETC1-MA2910 Datasheet
201Kb / 16P
   RADIATION HARD MICROPROGRAM CONTROLLER
logo
Advanced Micro Devices
AM2911A AMD-AM2911A Datasheet
1Mb / 28P
   MICROPROGRAM SEQUENCER BLOCK DIAGRAM
AM29112 AMD-AM29112 Datasheet
1Mb / 19P
   A High-Performance 8-Bit Slice Microprogram Sequencer
logo
Dynex Semiconductor
MA7001 DYNEX-MA7001 Datasheet
144Kb / 15P
   Radiation Hard 512x9 Bit FIFO
logo
InnovASIC, Inc
IA2910A INNOVASIC-IA2910A Datasheet
162Kb / 19P
   Microprogram Controller
IA2910A INNOVASIC-IA2910A_08 Datasheet
681Kb / 21P
   Microprogram Controller
logo
Dynex Semiconductor
MA28151 DYNEX-MA28151 Datasheet
186Kb / 22P
   Radiation hard Programmable Communication Interface
MA28155 DYNEX-MA28155 Datasheet
214Kb / 20P
   Radiation Hard Programmable Peripheral Interface
logo
Infineon Technologies A...
BUY65CS28A-01 INFINEON-BUY65CS28A-01 Datasheet
554Kb / 10P
   650V Radiation Hard power MOSFET
Issue 2, September 2020
BUY65CS08J-01 INFINEON-BUY65CS08J-01 Datasheet
551Kb / 10P
   650V Radiation Hard power MOSFET
Issue 2, October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com