Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAFF476M16R401 Datasheet(PDF) 2 Page - Sharma Electro Components,Inc

Part # SAFF476M16R401
Description  Tantalum Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SAFF476M16R401 Datasheet(HTML) 2 Page - Sharma Electro Components,Inc

  SAFF476M16R401 Datasheet HTML 1Page - Sharma Electro Components,Inc SAFF476M16R401 Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SAF
B
155 M 25 R
202
1.5
0.5
6
5.5
0.097
SAF
C
475 M 25 R
501
4.7
1.2
6
2.4
0.171
SAF D2 685 M 25 R
501
6.8
1.7
6
1.4
0.262
SAF D2 106 M 25 R
501
10
2.5
6
1.2
0.297
SAF
D
106 M 25 R
501
10
2.5
6
1.2
0.283
SAF
F
156 M 25 R
401
15
3.8
6
1.0
0.325
SAF
B
105 M 35 R
202
1
0.5
4
6.5
0.089
SAF
C
155 M 35 R
501
1.5
0.5
6
4.5
0.125
SAF
C
225 M 35 R
501
2.2
0.8
6
3.5
0.142
SAF
C
335 M 35 R
501
3.3
1.2
6
2.5
0.168
SAF D2 475 M 35 R
501
4.7
1.6
6
1.5
0.249
SAF D2 685 M 35 R
501
6.8
2.4
6
1.3
0.267
SAF
D
685 M 35 R
501
6.8
2.4
6
1.3
0.272
SAF
F
106 M 35 R
401
10
3.5
6
1.0
0.325
SAF
C
105 M 50 R
501
1
0.5
4
5.5
0.113
SAF
C
155 M 50 R
501
1.5
0.8
6
4.0
0.152
SAF D2 225 M 50 R
501
2.2
1.1
6
2.5
0.199
SAF D2 335 M 50 R
501
3.3
1.7
6
2.0
0.215
SAF
D
335 M 50 R
501
3.3
1.7
6
2.0
0.215
SAF
F
475 M 50 R
401
4.7
2.4
6
1.4
0.257
NOTE:
FOR 10% TOLERANCE CHANGE TOLERANCE CODE FROM M TO K.
FOR 5% TOLERANCE CHANGE TOLERANCE CODE FROM M TO J.
STANDARD REEL SIZE AND ORIENTATION = R. FOR OTHER SEE ORDERING INFORMATION ON PAGE 3.
S
HARMA
CAP
DCL
DF%
ESR(max)
RIPPLE (max)
PART NUMBER
VALUE
(MAX)
(MAX)
at 100 KHz
Irms Amps
µF
µA
AT +25°C
OHMS
at 100 KHz
SAF
B
475 M 10 R
202
4.7
0.5
6
4.0
0.113
SAF
C
156 M 10 R
501
15
1.5
6
2.2
0.179
SAF
D2 226 M 10 R
501
22
2.2
6
1.8
0.227
SAF
D2 336 M 10 R
501
33
3.3
6
1.1
0.290
SAF
D
336 M 10 R
501
33
3.3
6
1.1
0.295
SAF
D2 476 M 10 R
501
47
4.7
6
0.9
0.321
SAF
F
476 M 10 R
401
47
4.7
6
0.9
0.343
SAF
F
686 M 10 R
401
68
6.8
6
0.8
0.363
SAF
B
335 M 16 R
202
3.3
0.5
6
4.4
0.108
SAF
C
106 M 16 R
501
10
1.6
6
2.2
0.179
SAF
D2 156 M 16 R
501
15
2.4
6
1.8
0.198
SAF
D2 226 M 16 R
501
22
3.5
6
1.1
0.290
SAF
D
226 M 16 R
501
22
3.5
6
1.1
0.295
SAF
D
336 M 16 R
501
33
5.3
6
0.9
0.327
SAF
F
336 M 16 R
401
33
5.3
6
0.8
0.363
SAF
F
476 M 16 R
401
47
7.5
6
0.8
0.363
SAF
B
225 M 20 R
202
2.2
0.5
6
5.0
0.101
SAF
C
685 M 20 R
501
6.8
1.4
6
2.4
0.219
SAF D2 106 M 20 R
501
10
2.0
6
1.3
0.272
SAF D2 156 M 20 R
501
15
3.0
6
1.1
0.290
SAF
D
156 M 20 R
501
15
3.0
6
1.1
0.295
SAF
D
226 M 20 R
501
22
4.4
6
0.9
0.327
SAF
F
226 M 20 R
401
22
4.4
6
0.8
0.363
SAF
F
336 M 20 R
401
33
6.6
6
0.8
0.363
SAF SERIES SPECIFICATIONS
10 V DC Rated Voltage
Surge Voltage 13 VDC @ 85°C
and 8 VDC @ 125°C
16 V DC Rated Voltage
Surge Voltage 20 VDC @ 85°C
and 13 VDC @ 125°C
20 V DC Rated Voltage
Surge Voltage 26 VDC @ 85°C
and 16 VDC @ 125°C
25 V DC Rated Voltage
Surge Voltage 32 VDC @ 85°C
and 20 VDC @ 125°C
35 V DC Rated Voltage
Surge Voltage 45 VDC @ 85°C
and 28 VDC @ 125°C
50 V DC Rated Voltage
Surge Voltage 63 VDC @ 85°C
and 40 VDC @ 125°C
Sharma Tantalum Capacitors
RoHS Compliant
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


Similar Part No. - SAFF476M16R401

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SAFFB1G17AA0F0A MURATA1-SAFFB1G17AA0F0A Datasheet
427Kb / 8P
   SAW Single Filter for GPS / Unbalanced / 5pin /1109
SAFFB1G17AB0F0A MURATA1-SAFFB1G17AB0F0A Datasheet
493Kb / 8P
   SAW Single Filter for GPS / Unbalanced / 5pin /1109
SAFFB1G18AA0F0A MURATA1-SAFFB1G18AA0F0A Datasheet
775Kb / 8P
   SAW Single Filter for GPS_GALILEO / Unbalanced / 5pin /1109
SAFFB1G20AA0F0A MURATA1-SAFFB1G20AA0F0A Datasheet
447Kb / 8P
   SAW Single Filter for GPS_GLONASS_GALILEO / Unbalanced / 5pin /1109
SAFFB1G43KA0F0A MURATA1-SAFFB1G43KA0F0A Datasheet
221Kb / 8P
   SAW FILTER FOR Band11
May. 18, 2017
More results

Similar Description - SAFF476M16R401

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Sharma Electro Componen...
SAL SHARMA-SAL Datasheet
449Kb / 2P
   Tantalum Capacitors
SAJ SHARMA-SAJ Datasheet
459Kb / 3P
   Tantalum Capacitors
TDA335K06CB SHARMA-TDA335K06CB Datasheet
446Kb / 2P
   Tantalum Capacitors
SAH SHARMA-SAH Datasheet
450Kb / 2P
   Tantalum Capacitors
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com