Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SALD226K20R501 Datasheet(PDF) 1 Page - Sharma Electro Components,Inc

Part # SALD226K20R501
Description  Tantalum Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

SALD226K20R501 Datasheet(HTML) 1 Page - Sharma Electro Components,Inc

  SALD226K20R501 Datasheet HTML 1Page - Sharma Electro Components,Inc SALD226K20R501 Datasheet HTML 2Page - Sharma Electro Components,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL SPECIFICATIONS
CAPACITANCE RANGE: 10 µF To 330 µF.
VOLTAGE RANGE: 6.3 VDC to 35 VDC.
CAPACITANCE TOLERANCE: ±20%(M), ±10%(K), (±5%(J) - UPON REQUEST).
TEMPERATURE RANGE: -55 TO +125°C WITH DERATING ABOVE 85°C.
ENVIRONMENTAL CLASSIFICATION: 55/125/56 (IEC68-2).
DISSIPATION FACTOR: 10 TO 68 µF 4% MAX, 100 TO 330 µF 4% MAX.
LEAKAGE CURRENT: PLEASE REFER TO RATINGS TABLE ON FOLLOWING PAGE.
FAILURE RATE: 1% PER 1000 HRS.
LIFE TEST DETAILS
CAPACITORS SHALL WITHSTAND RATED DC VOLTAGE APPLIED AT 85°C FOR 2000 HRS OR DERATED DC VOLTAGE APPLIED AT
125°C FOR 1000 HRS. AFTER THE TEST:
1. CAPACITANCE CHANGE SHALL NOT EXCEED ±10% OF INITIAL VALUE.
2. DISSIPATION FACTOR SHALL BE WITHIN THE NORMAL SPECIFIED LIMITS.
3. DC LEAKAGE CURRENT SHALL BE WITHIN 125% OF NORMAL LIMIT.
4. NO REMARKABLE CHANGE IN APPEARANCE. MARKINGS TO REMAIN LEGIBLE.
INTRODUCTION
The SAL Series Tantalum Chip Capacitors are designed to cover high capacitance values with low loss-
es in case sizes "D" and "E". This Series is suitable for special application requiring Low ESR,DF and
DCL.
FEATURES:
LOW ESR, DF AND DC LEAKAGE CURRENT.
HIGH RIPPLE CURRENT CARRYING CAPABILITY.
HIGH SOLDER HEAT RESISTANCE - 269°C, 5 TO 10 SECS.
COMPONENT REEL PACKING STDS- EIA-481-1 AND REELING PER IEC 286-3 IN 7” STANDARD
REELS.
EPOXY MOLDED COMPONENTS WITH CONSISTENT DIMENSIONS AND SURFACE FINISH.
ENGINEERED FOR AUTOMATIC ONSERTION.
COMPATIBLE WITH ALL POPULAR HIGH SPEED ASSEMBLY MACHINES.
CASE DIMENSIONS IN MILLIMETERS (INCHES)
CASE
EIA/IEC
L
W
H
l
a
D
7343
7.3 ±0.3
4.3 ±0.3
2.8 ±0.3
1.3 ±0.3
2.4 ±0.1
(0.287 ±0.012)
(0.170 ±0.012)
(0.110 ±0.012)
(0.051 ±0.012)
(0.095 ±0.004)
E
7343H
7.3 ±0.3
4.3 ±0.3
4.0 ±0.3
1.3 ±0.3
2.4 ±0.1
(TALLER)
(0.287 ±0.012)
(0.170 ±0.012)
(0.158 ±0.012)
(0.051 ±0.012)
(0.095 ±0.004)
SAL SERIES
SAL SERIES RATINGS AND CASE CODES
CAPACITANCE
RATED VOLTAGE DC at 85 °C
CODE
µF
6.3V
10V
16V
20V
25V
35V
106
10
D
156
15
D
E
226
22
D
D
E
336
33
D
D
E
476
47
D
E
686
68
D
E
E
107
100
D
D
E
157
150
E
D, E
227
220
E
E*
337
330
E*
Sharma Tantalum Capacitors
RoHS Compliant
Tel:(949)642-SECI
SECI Engineers & Buyers' Guide
Fax:(949)642-7327


Similar Part No. - SALD226K20R501

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAL-XC866 INFINEON-SAL-XC866 Datasheet
1Mb / 113P
   8-Bit Single-Chip Microcontroller
V1.1 2012-12
SAL-XC866L-2FRA INFINEON-SAL-XC866L-2FRA Datasheet
1Mb / 113P
   8-Bit Single-Chip Microcontroller
V1.1 2012-12
SAL-XC866L-4FRA INFINEON-SAL-XC866L-4FRA Datasheet
1Mb / 113P
   8-Bit Single-Chip Microcontroller
V1.1 2012-12
SAL-XC886CLM INFINEON-SAL-XC886CLM Datasheet
870Kb / 134P
   8-Bit Single Chip Microcontroller
V1.0 2010-05
logo
Sensitron
SAL175UF-A SENSITRON-SAL175UF-A Datasheet
44Kb / 2P
   HERMETIC ULTRAFAST DIODE
More results

Similar Description - SALD226K20R501

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016ZT KEMET-T491B106K016ZT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum Tantalum Surface Mount Capacitors ??Standard Tantalum
logo
Sharma Electro Componen...
SAJ SHARMA-SAJ Datasheet
459Kb / 3P
   Tantalum Capacitors
TDA335K06CB SHARMA-TDA335K06CB Datasheet
446Kb / 2P
   Tantalum Capacitors
SAF SHARMA-SAF Datasheet
446Kb / 2P
   Tantalum Capacitors
SAH SHARMA-SAH Datasheet
450Kb / 2P
   Tantalum Capacitors
logo
Vishay Siliconix
135D826X9125K6 VISHAY-135D826X9125K6 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
135D566X9125K2 VISHAY-135D566X9125K2 Datasheet
171Kb / 14P
   Wet Tantalum Capacitors Tantalum-Case
Revision: 09-Apr-13
logo
Kemet Corporation
T491B106M016AT KEMET-T491B106M016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491D106K020AT KEMET-T491D106K020AT Datasheet
488Kb / 1P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
T491X157K020AT KEMET-T491X157K020AT_15 Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com