Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT139-500F Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BT139-500F
Description  Triacs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT139-500F Datasheet(HTML) 1 Page - NXP Semiconductors

  BT139-500F Datasheet HTML 1Page - NXP Semiconductors BT139-500F Datasheet HTML 2Page - NXP Semiconductors BT139-500F Datasheet HTML 3Page - NXP Semiconductors BT139-500F Datasheet HTML 4Page - NXP Semiconductors BT139-500F Datasheet HTML 5Page - NXP Semiconductors BT139-500F Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BT139 series
GENERAL DESCRIPTION
QUICK REFERENCE DATA
Glass passivated triacs in a plastic
SYMBOL
PARAMETER
MAX.
MAX.
MAX. UNIT
envelope,
intended
for
use
in
applications
requiring
high
BT139-
500
600
800
bidirectional transient and blocking
BT139-
500F
600F
800F
voltage capability and high thermal
BT139-
500G
600G
800G
cycling
performance.
Typical
V
DRM
Repetitive peak off-state
500
600
800
V
applications include motor control,
voltages
industrial
and
domestic
lighting,
I
T(RMS)
RMS on-state current
16
16
16
A
heating and static switching.
I
TSM
Non-repetitive peak on-state
140
140
140
A
current
PINNING - TO220AB
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
main terminal 1
2
main terminal 2
3
gate
tab
main terminal 2
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
-500
-600
-800
V
DRM
Repetitive peak off-state
-
500
1
600
1
800
V
voltages
I
T(RMS)
RMS on-state current
full sine wave; T
mb ≤ 99 ˚C
-
16
A
I
TSM
Non-repetitive peak
full sine wave; T
j = 25 ˚C prior to
on-state current
surge
t = 20 ms
-
140
A
t = 16.7 ms
-
150
A
I
2tI2t for fusing
t = 10 ms
-
98
A
2s
dI
T/dt
Repetitive rate of rise of
I
TM = 20 A; IG = 0.2 A;
on-state current after
dI
G/dt = 0.2 A/µs
triggering
T2+ G+
-
50
A/
µs
T2+ G-
-
50
A/
µs
T2- G-
-
50
A/
µs
T2- G+
-
10
A/
µs
I
GM
Peak gate current
-
2
A
V
GM
Peak gate voltage
-
5
V
P
GM
Peak gate power
-
5
W
P
G(AV)
Average gate power
over any 20 ms period
-
0.5
W
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction
-
125
˚C
temperature
T1
T2
G
12 3
tab
1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may
switch to the on-state. The rate of rise of current should not exceed 15 A/
µs.
September 1997
1
Rev 1.200


Similar Part No. - BT139-500F

ManufacturerPart #DatasheetDescription
logo
Comset Semiconductor
BT139-500 COMSET-BT139-500 Datasheet
172Kb / 3P
   TRIACS
logo
Inchange Semiconductor ...
BT139-500 ISC-BT139-500 Datasheet
104Kb / 1P
   isc Triacs
logo
NXP Semiconductors
BT139-500E PHILIPS-BT139-500E Datasheet
44Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
logo
Kersemi Electronic Co.,...
BT139-500E KERSEMI-BT139-500E Datasheet
762Kb / 4P
   Glass passivated triacs in a plastic
logo
NXP Semiconductors
BT139-500E PHILIPS-BT139-500E Datasheet
48Kb / 6P
   Triacs sensitive gate
September 1997 Rev 1.200
More results

Similar Description - BT139-500F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com