Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5953DUTM Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5953DUTM
Description  IEEE 802.3af PD Interface and PWM Controllers with Integrated Power MOSFETs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5953DUTM Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5953DUTM Datasheet HTML 3Page - Maxim Integrated Products MAX5953DUTM Datasheet HTML 4Page - Maxim Integrated Products MAX5953DUTM Datasheet HTML 5Page - Maxim Integrated Products MAX5953DUTM Datasheet HTML 6Page - Maxim Integrated Products MAX5953DUTM Datasheet HTML 7Page - Maxim Integrated Products MAX5953DUTM Datasheet HTML 8Page - Maxim Integrated Products MAX5953DUTM Datasheet HTML 9Page - Maxim Integrated Products MAX5953DUTM Datasheet HTML 10Page - Maxim Integrated Products MAX5953DUTM Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
IEEE 802.3af PD Interface and PWM Controllers
with Integrated Power MOSFETs
_______________________________________________________________________________________
7
DETECTION CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0
010
RDISC = 25.5kΩ
IIN + IRDISC
CLASSIFICATION CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
25
20
15
10
5
5
10
15
20
25
30
35
40
45
50
0
030
CLASS 4
CLASS 3
CLASS 2
CLASS 1
CLASS 0
EFFECTIVE DIFFERENTIAL INPUT
RESISTANCE vs. INPUT CURRENT
INPUT VOLTAGE (V)
8
6
4
2
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
010
INPUT OFFSET CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
8
6
2
4
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
-4.0
010
NORMALIZED UVLO
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
0.990
0125
PGOOD OUTPUT LOW VOLTAGE
vs. CURRENT
ISINK (mA)
15
10
5
50
100
150
200
250
0
020
OUT LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
1
10
100
1000
0.1
0125
VOUT = 48V
INRUSH CURRENT CONTROL
(VIN = 48V)
MAX5953A/B/C/D toc08
4ms/div
VOUT TO
VEE
50V/div
VGATE
5V/div
0V
0V
0A
0V
IINRUSH
100mA/div
PGOOD
50V/div
DCUVLO THRESHOLD
vs. TEMPERATURE
TEMPERATURE (°C)
100
75
50
25
1.2750
1.2775
1.2800
1.2825
1.2725
0
125
DCUVLO RISING
Typical Operating Characteristics
(VIN = (V+ - VEE) = 48V, GATE = PGOOD = unconnected, GND connected to OUT, HVIN connected to V+, UVLO = VEE, CINBIAS = 1µF,
CREGOUT = 2.2µF, RRTCT = 25kΩ, CRTCT = 100pF, CBST = 0.22µF, TJ = 0°C to +125°C, unless otherwise noted. Typical values are
at TJ = +25°C. All voltages are referenced to VEE, unless otherwise noted.)


Similar Part No. - MAX5953DUTM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5950ETJ MAXIM-MAX5950ETJ Datasheet
552Kb / 28P
   12V PWM Controller with Hot-Swap
Rev 0; 6/06
MAX5951 MAXIM-MAX5951 Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5951ETJ MAXIM-MAX5951ETJ Datasheet
395Kb / 25P
   12V/5V Input Buck PWM Controller
Rev 0; 5/06
MAX5952 MAXIM-MAX5952 Datasheet
613Kb / 50P
   High-Power, Quad, PSE Controller for Power-Over-Ethernet
Rev 0; 7/07
More results

Similar Description - MAX5953DUTM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DG ONSEMI-NCP1092DG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1091DBRG ONSEMI-NCP1091DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1090 ONSEMI-NCP1090 Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
NCP1092DBRG ONSEMI-NCP1092DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
logo
STMicroelectronics
STEVAL-TSP005V2 STMICROELECTRONICS-STEVAL-TSP005V2 Datasheet
298Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
logo
Linear Technology
LTC4267-1 LINER-LTC4267-1 Datasheet
903Kb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267CDHC-3 LINER-LTC4267CDHC-3 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
LTC4267 LINER-LTC4267 Datasheet
1Mb / 32P
   Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
logo
STMicroelectronics
STEVAL-TSP006V2 STMICROELECTRONICS-STEVAL-TSP006V2 Datasheet
320Kb / 7P
   IEEE 802.3af compliant PD interface
May 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com