Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JW1AFSN-DC48V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # JW1AFSN-DC48V
Description  COMPACT PC BOARD POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JW1AFSN-DC48V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  JW1AFSN-DC48V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JW1AFSN-DC48V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JW1AFSN-DC48V Datasheet HTML 3Page - Nais(Matsushita Electric Works) JW1AFSN-DC48V Datasheet HTML 4Page - Nais(Matsushita Electric Works) JW1AFSN-DC48V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
85
JW RELAYS
VDE
COMPACT PC BOARD
POWER RELAY
20.0
.787
12.8
.504
28.6
.1.126
mm inch
FEATURES
• Miniature package with universal terminal footprint
• High dielectric withstanding for transient protection:
10,000 V surge in
µs between coil and contact
• Sealed construction
• Class B coil insulation types available
• TV rated (TV-5) types available (only for 1 Form A type)
• VDE, TÜV, SEMKO, SEV, FIMKO, TV-5 also approved
SPECIFICATIONS
Contact
Coil
Characteristics
Standard type
High capacity type
Arrangement
1 Form A, 1 Form C,
2 Form A, 2 Form C
1 Form A, 1 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
100 m
Contact material
Silver alloy
Rating
(resistive
load)
Nominal switch-
ing capacity
5 A 250 V AC,
5 A 30 V DC
10 A 250 V AC,
10 A 30 V DC
Max. switching
power
1,250 VA, 150 W
2,500 VA, 300 W
Max. switching
voltage
250 V AC, 30 V DC
Max. switching
current
5 A
10 A
Expected
life (min.
ope.)
Mechanical
(at 180 cpm)
5
×106
Electrical (at 6 cpm)
(Resistive load)
105
Nominal operating power
530 mW
Standard type
High capacity type
Max. operating speed (at
rated load)
6 cpm
Initial insulation resistance
Min. 1,000 M
Ω at 500 V DC
Initial
breakdown
voltage*1
Between open contacts
1,000 Vrms for 1 min.
Between contacts and coil
5,000 Vrms for 1 min.
Between contact sets
3,000 Vrms for 1 min. (2 Form A, 2 Form C)
Initial surge voltage between
contacts and coil*2
Min. 10,000 V
Operate time*3
(at nominal voltage)
Max. 15 ms
Release time (without diode)*3
(at nominal voltage)
Max. 5 ms
Temperature rise (at 20°C)
(at nominal voltage)
(with nominal coil voltage and at
nominal switching capacity)
1a: max. 39
°C
1c, 2a, 2c: max. 55
°C
(resistance method)
1a: max. 45
°C
1c: max. 55
°C
(resistance method)
Shock
resistance
Functional*4
Min. 98 m/s2 {10 G}
Destructive*5
Min. 980 m/s2 {100 G}
Vibration
resistance
Functional*6
Approx. 98 m/s2 {10 G}, 10 to 55 Hz at
double amplitude of 1.6 mm
Destructive
Approx. 117.6 m/s2 {12 G}, 10 to 55 Hz
at double amplitude of 2.0 mm
Conditions for operation,
transport and storage*7
(Not freezing and condens-
ing at low temperature)
Ambient
temp.*8
–40
°C to +85°C –40°F to +185°F
Humidity
5 to 85% R.H.
Unit weight
Approx. 13 g .46 oz
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Detection current: 10mA
*2 Wave is standard shock voltage of
±1.2 × 50µs according to JEC-212-1981
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 24).
*8 When using relays in a high ambient temperature, consider the pick-up voltage
rise due to the high temperature (a rise of approx. 0.4% V for each 1°C 33.8°F
with 20°C 68°F as a reference) and use a coil impressed voltage that is within the
maximum allowable voltage range.
TYPICAL APPLICATIONS
1. Home appliances
TV sets, VCR, Microwave ovens
2. Office machines
Photocopiers, Vending machines
3. Industrial equipment
NC machines, Robots, Temperature
controllers


Similar Part No. - JW1AFSN-DC48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1AFSN-DC48V PANASONIC-JW1AFSN-DC48V Datasheet
230Kb / 4P
   COMPACT PC BOARD POWER RELAY
More results

Similar Description - JW1AFSN-DC48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1FSN-BDC5V PANASONIC-JW1FSN-BDC5V Datasheet
230Kb / 4P
   COMPACT PC BOARD POWER RELAY
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
2-1440002-9 MACOM-2-1440002-9 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
2-1440002-4 MACOM-2-1440002-4 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
OMIF-S-124LM MACOM-OMIF-S-124LM Datasheet
166Kb / 2P
   20A Miniature Power PC Board Relay
OMIH-SH-105D MACOM-OMIH-SH-105D Datasheet
118Kb / 2P
   16A Miniature Power PC Board Relay
OZ-SH-105D MACOM-OZ-SH-105D Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
PCFN-124D2M MACOM-PCFN-124D2M Datasheet
268Kb / 2P
   25A Miniature Power PC Board Relay
OMF-S-124LM MACOM-OMF-S-124LM Datasheet
167Kb / 2P
   20A Miniature Power PC Board Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com