Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC35 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KBPC35
Description  10 to 40 Amp SINGLE PHASE SILICON BRIDGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

KBPC35 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KBPC35 Datasheet HTML 1Page - List of Unclassifed Manufacturers KBPC35 Datasheet HTML 2Page - List of Unclassifed Manufacturers KBPC35 Datasheet HTML 3Page - List of Unclassifed Manufacturers KBPC35 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
10 to 40 Amp
SINGLE PHASE SILICON BRIDGE
NOTES: 1. Reverse Recovery Cond., If = .5A, Ir = 1.0A, Irr = .25A.
2. Thermal Resistance Junction to Ambient, Jedec Method.
3. When Mounted to heat sink, from body.
Page 3-29
Typical Reverse
Characteristics
Instantaneous
Forward Characteristics


Similar Part No. - KBPC35

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC35 WTE-KBPC35 Datasheet
54Kb / 4P
   35A SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBPC35 ETC2-KBPC35 Datasheet
431Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBPC35 YANGJIE-KBPC35 Datasheet
923Kb / 2P
   SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC35 CHENG-YI-KBPC35 Datasheet
138Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Diotech Company.
KBPC35 DIOTECH-KBPC35 Datasheet
926Kb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
More results

Similar Description - KBPC35

ManufacturerPart #DatasheetDescription
logo
FCI connector
KBPC10XX FCI-CONNECTOR-KBPC10XX Datasheet
198Kb / 4P
   10 to 40 Amp SINGLE PHASE SILICON BRIDGE
logo
First Components Intern...
KBPSC10 FCI-KBPSC10 Datasheet
89Kb / 1P
   10 to 15 Amp SINGLE PHASE SILICON BRIDGE
logo
NTE Electronics
NTE5340 NTE-NTE5340 Datasheet
15Kb / 1P
   Silicon Bridge Rectifier Single-Phase, 40 Amp
logo
Goodwork Semiconductor ...
GBU1001 GWSEMI-GBU1001 Datasheet
63Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR1005 FORMOSA-BR1005 Datasheet
29Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
KBU1001 GWSEMI-KBU1001 Datasheet
64Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR1005-BR1010 DGNJDZ-BR1005-BR1010 Datasheet
225Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
KBPC1005 DGNJDZ-KBPC1005 Datasheet
193Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
BR1005 GWSEMI-BR1005 Datasheet
61Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
BR1005 UNIOHM-BR1005 Datasheet
60Kb / 2P
   SINGLE PHASE 10 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com