Electronic Components Datasheet Search |
|
EPI150312BSP30 Datasheet(PDF) 10 Page - PCA ELECTRONICS INC. |
|
EPI150312BSP30 Datasheet(HTML) 10 Page - PCA ELECTRONICS INC. |
10 / 50 page E L E C T R O N I C S I N C . Surface Mount Power Inductor TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343 • 150 KHz Switching Frequency for National’s LM259X Series • Low loss material ensures operation in high frequency switching converters, such as Buck, Boost or as output averaging filter inductor • Also suitable for use in high quality filter applications • 500 KHz Switching Frequency EPI B44 Series Product performance is limited to specified parameters. Data is subject to change without prior notice. Primary Specification Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25 CSIXXXXXXB44 Rev. 2 3/5/03 Induct. (µH 15%) @ Idc .82 ± 20% 1.5 ± 20% 2.2 ± 20% 3.3 4.5 6.5 10 15 22 33 47 56 68 100 150 220 330 470 680 1000 Part Number Temp.Rise 0.92 1.60 2.55 4.31 5.74 8.26 13.5 20.0 29.5 45.0 63.75 77.0 95.0 140 202 303 451 645 930 1372 Induct. (µH ± 15%) @ 0 Adc DCR ( Ω Typ.) .0036 .0048 .0061 .0079 .009 .014 .022 .027 .043 .065 .077 .121 .122 .182 .284 .427 .650 .778 1.20 1.45 Vt1 (V-µSec) @ 500 KHz 1.2 1.6 2.0 2.6 3.0 3.6 4.6 5.6 6.8 8.4 10.0 11.0 12.2 14.8 17.8 21.8 26.6 31.8 38.2 46.4 @ Vt1 °C (Typ.) 38 40 40 40 35 37 45 36 41 41 39 44 40 41 41 42 42 39 41 36 EPI0L8103B44 EPI1L5902B44 EPI2L2802B44 EPI3L3702B44 EPI4L5602B44 EPI6L5502B44 EPI100452B44 EPI150352B44 EPI220312B44 EPI330252B44 EPI470222B44 EPI560202B44 EPI680182B44 EPI101152B44 EPI151122B44 EPI221102B44 EPI331801B44 EPI471701B44 EPI681581B44 EPI102481B44 Idc (Amps) 10.0 9.0 8.0 7.0 6.0 5.0 4.5 3.5 3.1 2.5 2.2 2.0 1.8 1.5 1.2 1.0 0.8 0.7 0.58 0.48 Vt2 (V-µSec) @ 150 KHz --- --- --- --- --- --- --- 13.3 16.7 20.0 24.7 --- 30 36.7 43.3 53.3 65.3 --- --- --- National Semiconductor Chip -- --- --- --- --- --- --- LM259X-L34 LM259X-L33 LM259X-L32 LM259X-L31 --- LM259X-L30 LM259X-L29 LM259X-L28 LM259X-L27 LM259X-L26 --- --- --- @ Vt2 °C (Typ.) --- --- --- --- --- --- --- 38 43 43 41 --- 42 43 43 45 44 --- --- --- Package B44 .575 (14.61) .510 (12.95) .600 (15.24) .510 (12.95) .550 (13.97) .060 (1.52) Suggested Pad Latout .390 Max. (9.90) Note: Coplanarity within .005” Max. PCA EPIXXXXXXB44 D.C. • Core Loss at Ref. Vt1 : 45 mW • Core Loss at Ref. Vt2 : 72 mW • |
Similar Part No. - EPI150312BSP30 |
|
Similar Description - EPI150312BSP30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |