Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1085V-L-1-8 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP1085V-L-1-8
Description  3A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP1085V-L-1-8 Datasheet(HTML) 1 Page - Sipex Corporation

  SP1085V-L-1-8 Datasheet HTML 1Page - Sipex Corporation SP1085V-L-1-8 Datasheet HTML 2Page - Sipex Corporation SP1085V-L-1-8 Datasheet HTML 3Page - Sipex Corporation SP1085V-L-1-8 Datasheet HTML 4Page - Sipex Corporation SP1085V-L-1-8 Datasheet HTML 5Page - Sipex Corporation SP1085V-L-1-8 Datasheet HTML 6Page - Sipex Corporation SP1085V-L-1-8 Datasheet HTML 7Page - Sipex Corporation SP1085V-L-1-8 Datasheet HTML 8Page - Sipex Corporation SP1085V-L-1-8 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image

Date: 7/24/06 Rev H
SP085 3A Low Dropout Linear Regulator
© 2006 Sipex Corporation
general Description
The S
P1085 is a series of low dropout positive voltage regulators with a maximum dropout of 1.5V at 3A of load
current. The series features on-chip thermal shutdown. It also includes a bandgap reference and a current limiting circuit.
The S
P1085 is available in 1.5V, 1.8V, 2.5V, 2.85V, 3.3V, 5.0V and adjustable versions. The fixed versions integrate
the adjust resistors. The adjustable version can set the output voltage with two external resistors. The S
P1085 series is
available in standard packages of TO-263-3L, TO-220 and TO-252.
features
Low Dropout Voltage: Typical 1.3V at 3A
Current Limiting and Thermal Protection
Output Current: 3A
Current Limit: 4.5A
Operating Junction Temperature: 0 to 125oC
Line Regulation: 0.015% (Typical)
Load Regulation: 0.1% (Typical)
Available in RoHS Compliant, Lead Free
Packaging
Applications
High Efficiency Linear Regulators
Battery Charger
Post Regulation for Switching Supplies
Microprocessor Supply
Mother Board Power Supplies
DVD - Video Player
Telecom Equipment
Set Top
Boxes and Web Box Modular Supplies
Figure . Package Types of SP085
TO-252
TO-220
TO-263-3L
TO-220
INPUT
OUTPUT
ADJ/GND
1
2
3
SP1085
3A Low Dropout Linear Regulator
Solved by
TM


Similar Part No. - SP1085V-L-1-8

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SP1080L GXELECTRONICS-SP1080L Datasheet
572Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
SP1084V-L SIPEX-SP1084V-L Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
SP1084V-L-2-5 SIPEX-SP1084V-L-2-5 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
SP1084V-L-2-85 SIPEX-SP1084V-L-2-85 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
More results

Similar Description - SP1085V-L-1-8

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1085-XX GMT-G1085-XX Datasheet
275Kb / 8P
   3A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com