Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JW1ASN-DC5V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # JW1ASN-DC5V
Description  COMPACT PC BOARD POWER RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

JW1ASN-DC5V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  JW1ASN-DC5V Datasheet HTML 1Page - Nais(Matsushita Electric Works) JW1ASN-DC5V Datasheet HTML 2Page - Nais(Matsushita Electric Works) JW1ASN-DC5V Datasheet HTML 3Page - Nais(Matsushita Electric Works) JW1ASN-DC5V Datasheet HTML 4Page - Nais(Matsushita Electric Works) JW1ASN-DC5V Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
JW
88
3-(3). Operate/release time
Sample: JW1SN-DC12V, 6 pcs.
Ambient temperature: 20
°C 68°F
3-(4). Operate/release time
Sample: JW2aSN-DC24V, 6 pcs.
Ambient temperature: 20
°C 68°F
3-(5). Operate/release time
Sample: JW2SN-DC12V, 6 pcs.
Ambient temperature: 20
°C 68°F
x
Max.
Min.
13
12
11
10
9
6
4
80
90
100
110
8
7
3
2
2
1
5
80
90
110
130
120
120
Max.
Min.
Max.
Min.
x-
x-
Coil applied voltage, %V
14
13
12
10
8
6
4
2
80
90
100
110
120
14
13
12
10
8
6
4
2
80
90
100
110
120
Min.
x-
x-
Coil applied voltage, %V
Operate time
Release time
Max.
Max.
Min.
9
8
7
6
5
4
3
2
1
0
80
90
100
110
120
130
Max.
Coil applied voltage, %V
Operate time
Release time
Min.
Max.
Min.
Max.
x-
x-
4-(1). Coil temperature rise
(Contact carrying current: 5A)
Sample JW1aFSN-DC12V, 6 pcs.
Point measured: Inside the coil
4-(2). Coil temperature rise
(Contact carrying current: 10 A)
Sample: JW1aFSN-DC12V, 6 pcs.
Point measured: Inside the coil
100
140
120
160
10
20
30
40
50
60
70
0
Coil applied voltage, %V
85
°C
60
°C
25
°C
100
140
120
160
10
20
30
40
50
60
70
0
Coil applied voltage, %V
85
°C
60
°C
25
°C
2-(2). Life curve
1 Form A High Capacity (10 A) type
3-(1). Operate/release time
Sample: JW1aSN-DC12V, 10 pcs.
Ambient temperature: 20
°C 68°F
3-(2). Operate/release time
Sample: JW1aFSN-DC12V, 10 pcs.
Ambient temperature: 20
°C 68°F
100
10
510
15
Contact current, A
250 V AC resistive load
30 V DC resistive load
(cos
ϕ =1.0)
80
90
100
110
120
5
0
10
Min.
Max.
Min.
x-
x-
Max.
Coil applied voltage, %V
Operate time
Release time
80
90
100
110
120
5
0
10
Min.
Max.
Min.
x-
x-
Max.
Coil applied voltage, %V
Operate time
Release time


Similar Part No. - JW1ASN-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1ASN-DC5V PANASONIC-JW1ASN-DC5V Datasheet
230Kb / 4P
   COMPACT PC BOARD POWER RELAY
More results

Similar Description - JW1ASN-DC5V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JW1FSN-BDC5V PANASONIC-JW1FSN-BDC5V Datasheet
230Kb / 4P
   COMPACT PC BOARD POWER RELAY
logo
Tyco Electronics
OMIH-SH-124L MACOM-OMIH-SH-124L Datasheet
117Kb / 2P
   16A Miniature Power PC Board Relay
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
2-1440002-9 MACOM-2-1440002-9 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
2-1440002-4 MACOM-2-1440002-4 Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
OMIF-S-124LM MACOM-OMIF-S-124LM Datasheet
166Kb / 2P
   20A Miniature Power PC Board Relay
OMIH-SH-105D MACOM-OMIH-SH-105D Datasheet
118Kb / 2P
   16A Miniature Power PC Board Relay
OZ-SH-105D MACOM-OZ-SH-105D Datasheet
77Kb / 2P
   16A Miniature Power PC Board Relay
PCFN-124D2M MACOM-PCFN-124D2M Datasheet
268Kb / 2P
   25A Miniature Power PC Board Relay
OMF-S-124LM MACOM-OMF-S-124LM Datasheet
167Kb / 2P
   20A Miniature Power PC Board Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com