Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5261DKDRG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5261DKDRG4
Description  315-W Mono BTL Digital Amplifier Power Stage
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5261DKDRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS5261DKDRG4 Datasheet HTML 4Page - Texas Instruments TAS5261DKDRG4 Datasheet HTML 5Page - Texas Instruments TAS5261DKDRG4 Datasheet HTML 6Page - Texas Instruments TAS5261DKDRG4 Datasheet HTML 7Page - Texas Instruments TAS5261DKDRG4 Datasheet HTML 8Page - Texas Instruments TAS5261DKDRG4 Datasheet HTML 9Page - Texas Instruments TAS5261DKDRG4 Datasheet HTML 10Page - Texas Instruments TAS5261DKDRG4 Datasheet HTML 11Page - Texas Instruments TAS5261DKDRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
AUDIO CHARACTERISTICS
TAS5261
SLES188 – AUGUST 2006
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
PVDD_x
Half-bridge supply voltage
0
50
52.5
V
GVDD_x
Gate-drive power supply
10.8(1)
12
13.2
V
VDD
Digital regulator supply voltage
10.8(1)
12
13.2
V
RL
Resistive load impedance, bridge-tied load (BTL)
4-16
RL
Resistive load impedance, BTL, ROC = 22kΩ, PVDD = 50V, (no current limiting)
3
Minimum output filter inductance under both operating and short-circuit conditions,
LDEM
5
10
µH
with appropriate OC_ADJ resistor value
fS
PWM frame rate
192
384
kHz
t(low)
Minimum low-state pulse duration per PWM frame, noise shaper enabled
50
ns
CBS
Bootstrap capacitor, selected value supports fs = 192 kHz to 384 kHz
33
nF
RBS
Bootstrap series resistor - 1/4 W
1.5
4.7
RCBS
Bootstrap snubber - 1/4 W
470
pF
Ultra-Fast Recovery Clamping Diode, Average forward current = 1A, Maximum
DCLMP
15
nS
repetitive reverse voltage = 200V (ES1D, mfg:Fairchild)
DTVS
Transient Voltage Suppressor, 600W @ 1mS (P6SMB62AT3, mfg: ON Semiconductor)
62
V
CPVDD
PVDD Close Decoupling Capacitor, two capacitors
100
nF
RAGND
AGND resistor - 1/4 W
3.3
R
Optional external pullup resistor to +3.3V or +5 V for SD and OTW
3.3
4.7
k
TJ
Junction temperature
0
125
°C
(1)
GVDD operation below 10.8 V significantly reduces efficiency of the output MOSFET stage and requires a larger heatsink. For the
purpose of noise margin, the UVP level is set lower to provide an increased noise margin, however, TI recommends a nominal dc
voltage of 12 V for GVDD.
Audio frequency = 1 kHz, PVDD_x = 50 V, GVDD_x = 12 V, VDD = 12 V, R
L = 8 Ω , fs = 384 kHz, OC_ADJ = 22 kΩ,
T
C= 75°C, output filter is LDEM = 10 µH, CL = 1 µF (unless otherwise noted). Audio performance is recorded as a chipset,
TAS5518 as front end with an effective modulation index of 96.1% and TAS5261 as the power stage. PCB and system
configuration are in accordance with recommended design guidelines.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 8 Ω, f = 1 kHz
125
PO
Unclipped power output
RL = 6 Ω, f = 1 kHz
165
W
RL = 4 Ω, f = 1 kHz
235
RL = 8 Ω, f = 1 kHz, THD = 10%
165
RL = 6 Ω, f = 1 kHz, THD = 10%
220
PO
Maximum power output
W
RL = 4 Ω, f = 1 kHz, THD = 10%
315
RL = 3 Ω, f = 1 kHz, CBC allowed
400
Total harmonic distortion + noise,
1 W to 125 W, RL=8
Ω, AES17 filter,
THD+N
0.09
%
AES 17 filter
Unclipped
Ratio of 1-FFS to 0-FFS input,
SNR
Signal-to-noise ratio(1)
110
dB
A-weighted filter
DNR
Dynamic range
–60-dBFS input, A-weighted filter
110
dB
PWM switching frequency 384 kHz,
VOO
Output offset voltage
–15
15
mV
Measured on speaker terminals
Power dissipation due to idle losses
Pidle
PO = 0 W, Output switching(2)
2
W
(IPVDD_X)
(1)
SNR is calculated relative to the 0 dBFS input level.
(2)
Actual system idle losses are also affected by core losses of output inductors.
8
Submit Documentation Feedback


Similar Part No. - TAS5261DKDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5261 TI-TAS5261_15 Datasheet
848Kb / 26P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
More results

Similar Description - TAS5261DKDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5261 TI-TAS5261_15 Datasheet
848Kb / 26P
[Old version datasheet]   315-W Mono BTL Digital Amplifier Power Stage
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TAS5601 TI-TAS5601_15 Datasheet
2Mb / 27P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
TAS5601 TI-TAS5601 Datasheet
2Mb / 26P
[Old version datasheet]   20W STEREO (BTL) DIGITAL AMPLIFIER POWER STAGE
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
logo
STMicroelectronics
TDA7491MV STMICROELECTRONICS-TDA7491MV Datasheet
697Kb / 28P
   25 W mono BTL class-D audio amplifier
TDA7492MV STMICROELECTRONICS-TDA7492MV Datasheet
647Kb / 26P
   50 W mono BTL class-D audio amplifier
logo
Synaptics Incorporated.
CX20706 CONEXANT-CX20706 Datasheet
645Kb / 2P
   2.5 W BTL mono Class-D speaker amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com