Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6326BIRZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6326BIRZ
Description  4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6326BIRZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6326BIRZ Datasheet HTML 3Page - Intersil Corporation ISL6326BIRZ Datasheet HTML 4Page - Intersil Corporation ISL6326BIRZ Datasheet HTML 5Page - Intersil Corporation ISL6326BIRZ Datasheet HTML 6Page - Intersil Corporation ISL6326BIRZ Datasheet HTML 7Page - Intersil Corporation ISL6326BIRZ Datasheet HTML 8Page - Intersil Corporation ISL6326BIRZ Datasheet HTML 9Page - Intersil Corporation ISL6326BIRZ Datasheet HTML 10Page - Intersil Corporation ISL6326BIRZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
FN9286.0
April 21, 2006
DAC Sink Current
-
-
300
µA
REF Source Current
45
50
55
µA
REF Sink Current
45
50
55
µA
PIN-ADJUSTABLE OFFSET
Voltage at OFS Pin
Offset resistor connected to ground
380
400
420
mV
Voltage below VCC, offset resistor connected to VCC
1.55
1.60
1.65
V
OSCILLATORS
Accuracy of Switching Frequency Setting
RT = 100kΩ
225
250
275
kHz
Adjustment Range of Switching Frequency (Note 4)
0.08
-
1.0
MHz
Soft-start Ramp Rate
RS = 100kΩ (Notes 5, 6)
-
1.563
-
mV/µs
Adjustment Range of Soft-Start Ramp Rate (Note 4)
0.625
-
6.25
mV/µs
PWM GENERATOR
Sawtooth Amplitude
-1.25
-
V
ERROR AMPLIFIER
Open-Loop Gain
RL = 10kΩ to ground (Note 4)
-
96
-
dB
Open-Loop Bandwidth
(Note 4)
-
80
-
MHz
Slew Rate
(Note 4)
-
25
-
V/µs
Maximum Output Voltage
3.8
4.3
4.9
V
Output High Voltage @ 2mA
3.6
-
-
V
Output Low Voltage @ 2mA
--
1.8
V
REMOTE-SENSE AMPLIFIER
Bandwidth
(Note 4)
-
20
-
MHz
Output High Current
VSEN - RGND = 2.5V
-500
-
500
µA
Output High Current
VSEN - RGND = 0.6
-500
-
500
µA
PWM OUTPUT
PWM Output Voltage LOW Threshold
Iload = ±500
μA-
-
0.5
V
PWM Output Voltage HIGH Threshold
Iload = ±500
μA4.3
-
-
V
CURRENT SENSE AND OVERCURRENT PROTECTION
Sensed Current Tolerance (IOUT)
ISEN1 = ISEN2 = ISEN3 = ISEN4 = 60
μA
576063
µA
Overcurrent Trip Level for Average Current
72
85
98
µA
Peak Current Limit for Individual Channel
100
120
140
µA
IOUT Trip Level for Overcurrent protection
1.85
2.0
2.15
V
THERMAL MONITORING AND FAN CONTROL
TM Input Voltage for VR_FAN Trip
1.55
1.65
1.75
V
TM Input Voltage for VR_FAN Reset
1.85
1.95
2.05
V
TM Input Voltage for VR_HOT Trip
1.30
1.40
1.50
V
TM Input Voltage for VR_HOT Reset
1.55
1.65
1.75
V
Leakage Current of VR_FAN
With externally pull-up resistor connected to VCC
-
-
30
µA
VR_FAN Low Voltage
With 1.25k resistor pull-up to VCC, IVR_FAN = 4mA
-
-
0.4
V
Electrical Specifications
Operating Conditions: VCC = 5V, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6326B


Similar Part No. - ISL6326BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6326BIRZ RENESAS-ISL6326BIRZ Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
More results

Similar Description - ISL6326BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6326 RENESAS-ISL6326 Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6307A INTERSIL-ISL6307A Datasheet
975Kb / 33P
   Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com