Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISL6327 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ISL6327
Description  Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 1 page
background image
1
®
FN9276.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6327
Enhanced 6-Phase PWM Controller with
8-Bit VID Code and Differential Inductor
DCR or Resistor Current Sensing
The ISL6327 controls microprocessor core voltage regulation
by driving up to 6 synchronous-rectified buck channels in
parallel. Multiphase buck converter architecture uses
interleaved timing to multiply channel ripple frequency and
reduce input and output ripple currents. Lower ripple results in
fewer components, lower component cost, reduced power
dissipation, and smaller implementation area.
Microprocessor loads can generate load transients with
extremely fast edge rates. The ISL6327 utilizes Intersil’s
proprietary Active Pulse Positioning (APP) and Adaptive
Phase Alignment (APA) modulation scheme to achieve the
extremely fast transient response with fewer output
capacitors.
Today’s microprocessors require a tightly regulated output
voltage position versus load current (droop). The ISL6327
senses the output current continuously by utilizing patented
techniques to measure the voltage across the dedicated
current sense resistor or the DCR of the output inductor.
Current sensing provides the needed signals for precision
droop, channel-current balancing, and overcurrent
protection. A programmable integrated temperature
compensation function is implemented to effectively
compensate the temperature variation of the current sense
element. The current limit function provides the overcurrent
protection for the individual phase.
A unity gain, differential amplifier is provided for remote
voltage sensing. Any potential difference between remote
and local grounds can be completely eliminated using the
remote-sense amplifier. Eliminating ground differences
improves regulation and protection accuracy. The threshold-
sensitive enable input is available to accurately coordinate
the start up of the ISL6327 with any other voltage rail.
Dynamic-VID™ technology allows seamless on-the-fly VID
changes. The offset pin allows accurate voltage offset
settings that are independent of VID setting.
Features
• Proprietary Active Pulse Positioning and Adaptive Phase
Alignment Modulation Scheme
• Precision Multiphase Core Voltage Regulation
- Differential Remote Voltage Sensing
-
±0.5% System Accuracy Over Life, Load, Line and
Temperature
- Adjustable Precision Reference-Voltage Offset
• Precision Resistor or DCR Current Sensing
- Accurate Load-Line Programming
- Accurate Channel-Current Balancing
- Differential Current Sense
• Microprocessor Voltage Identification Input
- Dynamic VID™ Technology
- 8-Bit VID Input with Selectable VR11 code and
Extended VR10 Code at 6.25mV Per Bit
- 0.5V to 1.600V Operation Range
• Thermal Monitoring
• Integrated Programmable Temperature Compensation
• Overcurrent Protection and Channel Current Limit
• Overvoltage Protection with OVP Output Indication
• 2, 3, 4, 5 or 6 Phase Operation
• Adjustable Switching Frequency up to 1MHz Per Phase
• Package Option
- QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
Flat No Leads - Product Outline
- QFN Near Chip Scale Package Footprint; Improves
PCB Efficiency, Thinner in Profile
• Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP.
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL6327CRZ ISL6327CRZ
0 to70
48 Ld 7x7 QFN L48.7x7
ISL6327IRZ
ISL6327IRZ
-40 to 85 48 Ld 7x7 QFN L48.7x7
Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
December 20, 2006




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6326B4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing 1 2 3 4 5 MoreIntersil Corporation
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
M37151SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
ADM1041ASecondary-Side Controller with Current Share and Housekeeping 1 2 3 4 5 MoreAnalog Devices
ADP1822PWM Step-Down DC-to-DC Controller with Margining and Tracking 1 2 3 4 5 MoreAnalog Devices
CS51021AEnhanced Current Mode PWM Controller 1 2 3 4 5 MoreON Semiconductor
ADM11712.7 V to 16.5 V Hot Swap Controller with Current Sense Output 1 2 3 4 5 MoreAnalog Devices
NID5004NSelf−Protected FET with Temperature and Current Limit 1 2 3 4 5 MoreON Semiconductor
NIF5003NSelf−Protected FET with Temperature and Current Limit 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl