Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6327 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6327
Description  Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6327 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6327 Datasheet HTML 1Page - Intersil Corporation ISL6327 Datasheet HTML 2Page - Intersil Corporation ISL6327 Datasheet HTML 3Page - Intersil Corporation ISL6327 Datasheet HTML 4Page - Intersil Corporation ISL6327 Datasheet HTML 5Page - Intersil Corporation ISL6327 Datasheet HTML 6Page - Intersil Corporation ISL6327 Datasheet HTML 7Page - Intersil Corporation ISL6327 Datasheet HTML 8Page - Intersil Corporation ISL6327 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
FN9276.2
December 20, 2006
Typical Application - 6-Phase Buck Converter with DCR Sensing and External TCOMP
+5V
PWM
VCC
BOOT
UGATE
PHASE
LGATE
GND
+5V
VIN
VSEN
VDIFF
FB
COMP
VCC
GND
RGND
EN_PWR
PWM6
ISEN6-
PWM4
ISEN4+
PWM2
ISEN2+
PWM1
ISEN1+
ISL6327
μP
LOAD
ISEN6+
ISEN4-
ISEN2-
ISEN1-
TCOMP
REF
DAC
FS
OFS
EN
EN_VTT
VTT
IDROOP
ISL6609
DRIVER
VIN
RT
VR_FAN
VR_HOT
TM
+5V
NTC
ROFS
PWM
VCC
BOOT
UGATE
PHASE
LGATE
GND
+5V
VIN
EN
ISL6609
DRIVER
PWM
VCC
BOOT
UGATE
PHASE
LGATE
GND
+5V
VIN
EN
ISL6609
DRIVER
PWM
VCC
BOOT
UGATE
PHASE
LGATE
GND
+5V
VIN
EN
ISL6609
DRIVER
PWM
VCC
BOOT
UGATE
PHASE
LGATE
GND
+5V
VIN
EN
ISL6609
DRIVER
PWM
VCC
BOOT
UGATE
PHASE
LGATE
GND
+5V
VIN
EN
ISL6609
DRIVER
ISEN3-
PWM5
PWM3
ISEN3+
ISEN5-
ISEN5+
NTC2
SS
VID6
VID7
VR_RDY
VID5
VID4
VID3
VID2
VID1
VID0
VRSEL
OVP
IOUT
RIOUT
RSS
EXTERNAL TCOMP
COMPENSATION
NETWORK
ISL6327


Similar Part No. - ISL6327

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6327 RENESAS-ISL6327 Datasheet
1Mb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
logo
Intersil Corporation
ISL6327A INTERSIL-ISL6327A Datasheet
677Kb / 29P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
logo
Renesas Technology Corp
ISL6327A RENESAS-ISL6327A Datasheet
1Mb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
logo
Intersil Corporation
ISL6327ACRZ INTERSIL-ISL6327ACRZ Datasheet
677Kb / 29P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
logo
Renesas Technology Corp
ISL6327ACRZ RENESAS-ISL6327ACRZ Datasheet
1Mb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
More results

Similar Description - ISL6327

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6327A RENESAS-ISL6327A Datasheet
1Mb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
logo
Intersil Corporation
ISL6327A INTERSIL-ISL6327A Datasheet
677Kb / 29P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
logo
Renesas Technology Corp
ISL6327 RENESAS-ISL6327 Datasheet
1Mb / 30P
   Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6316 INTERSIL-ISL6316_06 Datasheet
697Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6316 RENESAS-ISL6316 Datasheet
1Mb / 30P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision rDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Intersil Corporation
ISL6307B INTERSIL-ISL6307B Datasheet
968Kb / 33P
   6-Phase VR11 PWM Controller with 8-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for Applications
ISL6316 INTERSIL-ISL6316 Datasheet
838Kb / 29P
   Enhanced 4-Phase PWM Controller with 6-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for VR10 Application
logo
Renesas Technology Corp
ISL6307A RENESAS-ISL6307A Datasheet
1Mb / 33P
   Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com