Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ISL6327 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL6327
Description  Enhanced 6-Phase PWM Controller with 8-Bit VID Code and Differential Inductor DCR or Resistor Current Sensing
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

 
 3 page
background image
3
FN9276.2
December 20, 2006
ISL6327 Block Diagram
I_TRIP
OVP
DRIVE
POWER-ON
RESET (POR)
PWM1
PWM2
PWM3
PWM6
GND
VCC
FB
FS
S
CLOCK AND
VID5
VID4
VID3
VID2
COMP
VSEN
GENERATOR
RAMP
ISEN3-
ISEN4+
VID1
RGND
VDIFF
VR_RDY
OVP
EN_PWR
0.875V
I_TOT
DYNAMIC
VID
D/A
TEMPERATURE
CHANNEL
DETECT
OFS
THREE-STATE
ISEN1+
ISEN2-
CHANNEL
CURRENT
SENSE
OVP
VID0
SOFT-START
AND
FAULT LOGIC
OFFSET
REF
+175mV
R
x1
E/A
OC1
Q
EN_VTT
DAC
ISEN4-
ISEN3+
ISEN2+
ISEN1-
IOUT
0.875V
VID6
VID7
VRSEL
PWM4
PWM5
ISEN5+
ISEN5-
ISEN6+
ISEN6-
IDROOP
TEMPERATURE
COMPENSATION
TCOMP
TM
VR_HOT
VR_FAN
THERMAL
MONITORING
SS
2V
OC2
1
N
GAIN
COMPENSATION
APP and APA
CHANNEL CURRENT
BALANCE AND
CURRENT LIMIT
MODULATOR
APP and APA
MODULATOR
APP and APA
MODULATOR
APP and APA
MODULATOR
APP and APA
MODULATOR
APP and APA
MODULATOR
ISL6327




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ISL6326B4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing 1 2 3 4 5 MoreIntersil Corporation
ISL6322Four-Phase Buck PWM Controller with Integrated MOSFET Drivers and I2C Interface for Intel VR10 VR11 and AMD Applications 1 2 3 4 5 MoreIntersil Corporation
M37151SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreRenesas Technology Corp
ADM1041ASecondary-Side Controller with Current Share and Housekeeping 1 2 3 4 5 MoreAnalog Devices
ADP1822PWM Step-Down DC-to-DC Controller with Margining and Tracking 1 2 3 4 5 MoreAnalog Devices
CS51021AEnhanced Current Mode PWM Controller 1 2 3 4 5 MoreON Semiconductor
ADM11712.7 V to 16.5 V Hot Swap Controller with Current Sense Output 1 2 3 4 5 MoreAnalog Devices
NID5004NSelf−Protected FET with Temperature and Current Limit 1 2 3 4 5 MoreON Semiconductor
NIF5003NSelf−Protected FET with Temperature and Current Limit 1 2 3 4 5 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl