Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6326B Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6326B
Description  4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6326B Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6326B Datasheet HTML 1Page - Intersil Corporation ISL6326B Datasheet HTML 2Page - Intersil Corporation ISL6326B Datasheet HTML 3Page - Intersil Corporation ISL6326B Datasheet HTML 4Page - Intersil Corporation ISL6326B Datasheet HTML 5Page - Intersil Corporation ISL6326B Datasheet HTML 6Page - Intersil Corporation ISL6326B Datasheet HTML 7Page - Intersil Corporation ISL6326B Datasheet HTML 8Page - Intersil Corporation ISL6326B Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
FN9286.0
April 21, 2006
ISL6326BCR Block Diagram
-
+
X1
RGND
VSEN
VDIFF
-
+
VR_RDY
+175m V
OFS
REF
DAC
VRSEL
FB
-
+
COM P
OFFSET
1
N
IOUT
VR_HOT
VR_FAN
TM
TCO MP
TEM PERATURE
COM PENSATION
VID7
VID6
VID5
VID4
VID3
VID2
VID1
VID0
Dynam ic
VID
D/A
ISEN1+
ISEN1-
ISEN2+
ISEN2-
ISEN3+
ISEN3-
ISEN4+
ISEN4-
CHANNEL
CURRENT
SENSE
I_TRIP
Σ
CHANNEL
CURRENT
BALANCE
AND PEAK
CURREN T LIM IT
E/A
OVP
0.875
-
+
PO W ER-O N
RESET (POR)
0.875
-
+
SOFTSTART
AND
FAULT LO GIC
EN_VTT
EN_PW R
N
N
FS
CLOCK AND
RAM P GENERATOR
SS
GND
PW M 2
PW M 1
PW M 3
PW M 4
THERM AL
MONITOR
TEM PERATURE
COM PENSATION
GAIN ADJUST
CHANNEL
DETECT
2.0V -
+
OCP
-
+
OCP
APP and APA
M ODULATOR
APP and APA
M ODULATOR
APP and APA
M ODULATOR
APP and APA
M ODULATOR
ISL6326B


Similar Part No. - ISL6326B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6326BCRZ RENESAS-ISL6326BCRZ Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6326BIRZ RENESAS-ISL6326BIRZ Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
More results

Similar Description - ISL6326B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6326 RENESAS-ISL6326 Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
ISL6326B RENESAS-ISL6326B Datasheet
1Mb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision DCR Differential Current Sensing
logo
Intersil Corporation
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6307A INTERSIL-ISL6307A Datasheet
975Kb / 33P
   Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com