Electronic Components Datasheet Search |
|
BT138-600E Datasheet(PDF) 1 Page - NXP Semiconductors |
|
BT138-600E Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 6 page Philips Semiconductors Product specification Triacs BT138 series GENERAL DESCRIPTION QUICK REFERENCE DATA Glass passivated triacs in a plastic SYMBOL PARAMETER MAX. MAX. MAX. UNIT envelope, intended for use in applications requiring high BT138- 500 600 800 bidirectional transient and blocking BT138- 500F 600F 800F voltage capability and high thermal BT138- 500G 600G 800G cycling performance. Typical V DRM Repetitive peak off-state 500 600 800 V applications include motor control, voltages industrial and domestic lighting, I T(RMS) RMS on-state current 12 12 12 A heating and static switching. I TSM Non-repetitive peak on-state 95 95 95 A current PINNING - TO220AB PIN CONFIGURATION SYMBOL PIN DESCRIPTION 1 main terminal 1 2 main terminal 2 3 gate tab main terminal 2 LIMITING VALUES Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT -500 -600 -800 V DRM Repetitive peak off-state - 500 1 600 1 800 V voltages I T(RMS) RMS on-state current full sine wave; T mb ≤ 99 ˚C - 12 A I TSM Non-repetitive peak full sine wave; T j = 25 ˚C prior to on-state current surge t = 20 ms - 95 A t = 16.7 ms - 105 A I 2tI2t for fusing t = 10 ms - 45 A 2s dI T/dt Repetitive rate of rise of I TM = 20 A; IG = 0.2 A; on-state current after dI G/dt = 0.2 A/µs triggering T2+ G+ - 50 A/ µs T2+ G- - 50 A/ µs T2- G- - 50 A/ µs T2- G+ - 10 A/ µs I GM Peak gate current - 2 A V GM Peak gate voltage - 5 V P GM Peak gate power - 5 W P G(AV) Average gate power over any 20 ms period - 0.5 W T stg Storage temperature -40 150 ˚C T j Operating junction - 125 ˚C temperature T1 T2 G 12 3 tab 1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch to the on-state. The rate of rise of current should not exceed 15 A/ µs. September 1997 1 Rev 1.200 |
Similar Part No. - BT138-600E |
|
Similar Description - BT138-600E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |