Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STSMIA832TBR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STSMIA832TBR
Description  1.8V/2.8V High speed dual differential line receivers, standard mobile imaging architecture (SMIA) decoder deserializer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSMIA832TBR Datasheet(HTML) 1 Page - STMicroelectronics

  STSMIA832TBR Datasheet HTML 1Page - STMicroelectronics STSMIA832TBR Datasheet HTML 2Page - STMicroelectronics STSMIA832TBR Datasheet HTML 3Page - STMicroelectronics STSMIA832TBR Datasheet HTML 4Page - STMicroelectronics STSMIA832TBR Datasheet HTML 5Page - STMicroelectronics STSMIA832TBR Datasheet HTML 6Page - STMicroelectronics STSMIA832TBR Datasheet HTML 7Page - STMicroelectronics STSMIA832TBR Datasheet HTML 8Page - STMicroelectronics STSMIA832TBR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
May 2006
Rev. 2
1/23
23
STSMIA832
1.8V/2.8V High speed dual differential line receivers,
standard mobile imaging architecture (SMIA) decoder deserializer
Feature summary
s
Sub-low voltage differential signaling inputs:
VID = 100mV MIN. with RT = 100Ω, CL = 10pF
s
High signaling rate:
fIN = 650 Mbps MAX (D+,D-,STRB+,STRB-)
fOUT = 82 MHz MAX (CLK)
fOUT = 82 Mbps MAX (for each data line D1-D8)
s
Very high speed strobe to clock:
tpLH~tpHL=5.2ns (TYP) at VDD=2.8V; VL=1.8V
s
Operating voltage range:
VDD(OPR) = 2.65V to 3.6V
VL(OPR) =1.65V to 1.95V
s
Symmetrical output impedance (D1-D8, H-
SYNC, V-SYNC, CLK):
IIOHI=IOL=4mA (MIN) at VDD=2.65V;VL=1.8V
s
Low power dissipation (DISABLED: EN=Gnd):
ISOFF = IDD + IL = 10 µA (Max)
s
SMIA specification compliant
s
CLASS 0 and CLASS 1,2 supported (config by
CLASS_SEL)
s
CMOS logic input threshold
(EN, SYNC_SEL, CLASS_SEL):
VIL = 0.3xVL; VL = 1.65V to 1.95V
VIH = 0.7xVL; VL = 1.65V to 1.95V
s
3.6V tolerant on inputs
(EN, SYNC_SEL, CLASS_SEL)
s
32 BIT synchronization codes (SOF, EOF,
SOL, EOL)
s
Leadfree µTFBGA package
(RoHS Restriction of hazardous substances)
Description
The STSMIA832 receiver converts the subLVDS
clock/datastream (up to 650 Mbps throughput
bandwidth) back into parallel 8 bits of
CMOS/LVTTL. The device recognizes the SMIA
32 bit start of frame (SOF), end of frame (EOF),
start of line (SOL) and end of line (EOL)
sequences to generate the H-SYNC and V-SYNC
signals. Output LVTTL clock (up to 82 MHz) is
transmitted in parallel with data. Output data are
rising-edge strobes. This chipset is an ideal
means to link mobile camera modules to
Baseband processors. In order to minimize static
current consumption, it is possible to shut down
the device when the interface is not being used by
a power-down (EN) pin that reduces the
Maximum Current Consumption to 10 µA making
this device ideal for portable applications like
Mobile Phone and Portable Battery Equipment. A
configurable input (Class_Sel) is provided to
select different CLASS (0 or 1,2) mode inside the
SMIA STD specifications.
The STSMIA832 is offered in a µTFBGA package
to optimize PCB space. All inputs and outputs are
equipped with protection circuits against static
discharge, giving them ESD immunity from
transient excess voltage. The STSMIA832 is
characterized for operation over the commercial
temperature range -40°C to 85°C.
µTFBGA25
www.st.com
Order codes
Part number
Temperature
Range
Package
Packaging
STSMIA832TBR
-40 to 85 °C
µTFBGA25 3x3mm (TAPE & REEL)
3000 parts per reel


Similar Part No. - STSMIA832TBR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STSM-31-N BOURNS-STSM-31-N Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
STSM-31-NTR BOURNS-STSM-31-NTR Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
STSM-31-R BOURNS-STSM-31-R Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
STSM-31-RTR BOURNS-STSM-31-RTR Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
STSM-31-S BOURNS-STSM-31-S Datasheet
300Kb / 2P
   Ultraminiature Tactile Switch
More results

Similar Description - STSMIA832TBR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCCP27A STMICROELECTRONICS-STCCP27A Datasheet
270Kb / 19P
   1.8V/2.8V High speed dual differential line receivers, Compact camera port decoder, I2C control line
logo
Texas Instruments
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32 Datasheet
275Kb / 13P
   HIGH SPEED DIFFERENTIAL LINE RECEIVERS
May 2003
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386 Datasheet
165Kb / 8P
   High-Speed Differential Line Receivers
logo
Texas Instruments
SN65LVDS390 TI-SN65LVDS390 Datasheet
324Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN75LVDS32 TI-SN75LVDS32_07 Datasheet
314Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
logo
STMicroelectronics
STLVDS32 STMICROELECTRONICS-STLVDS32_07 Datasheet
206Kb / 15P
   High speed differential line receivers
logo
Texas Instruments
SN65LVDS386 TI-SN65LVDS386_07 Datasheet
415Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com