Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM8400 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EM8400
Description  MPEG-2 Decoder for Set-top, DVD and Streaming Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EM8400 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EM8400 Datasheet HTML 1Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 2Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 3Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 4Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 5Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 6Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 7Page - List of Unclassifed Manufacturers EM8400 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MPEG-2 Decoder for Set-top, DVD and Streaming Applications
EM8400
EM8401
Sigma Designs, Inc.
355 Fairview Way • Milpitas, CA, USA 95035 • Tel: 408.262.9003 • Fax: 408.957.9740
www.sigmadesigns.com • sales@sigmadesigns.com
2 OR 4 MB SDRAM
SDRAM CONTROLLER
MPEG
VIDEO
DECODER
ENGINE
PCI
HOST
INTERFACE
AUDIO
DECODER
ENGINE
DISPLAY
CONTROL,
OSD,
SUB-
PICTURE
PCI
NTSC/PAL
ENCODER
CVBS
8 / 16-BIT YC BCR
I2S OR SPDIF
DVD
DECRYPT
S-VIDEO
Description
The EM8400 is a single-chip MPEG audio/video decoder that supports DVD-
Video, SVCD, VCD 1.x, VCD 2.0, CD-DA and CD-ROM media formats, with
MPEG-1 and MPEG-2 MP@ML video decoding. Audio decoding support
includes Dolby® Digital, MPEG-1 Layers 1 and 2 and 16-bit linear PCM. DVD-
Video support includes hardware CSS decryption, 16:9 and 4:3 aspect ratios,
letterboxing, 3:2 pull-down, multiple angles and sub-picture.
The programmable video output display controller includes high-quality arbi-
trary scaling and an OSD frame buffer with 16-level alpha blending. It sup-
ports interlaced or progressive output resolutions up to 1920x1080 with a
refresh rate up to 120 Hz. The provided brightness, contrast and color con-
trols optimize displayed video.
Based on the company’s award-winning REALmagic® Video Streaming Tech-
nology, the EM8400 provides highly-integrated solutions for high-quality
decoding of MPEG-1 and MPEG-2. Positioned as a cost-effective solution for
streaming video clients, advanced digital set-top boxes and next-generation
interactive DVD players, the EM8400 enables manufacturers to easily incor-
porate streaming video, progressive DVD playback and video-on-demand
into their products.
Features
• Supports DVD-Video, SVCD, VCD 1.x, VCD
2.0, CD-DA, CD-ROM media formats
• MPEG-1, MPEG-2 MP@ML video decoding
• Dolby Digital, MPEG-1 Layers 1 and 2 and
linear PCM audio decoding
• 2-, 4-, 7- or 8-bit OSD with optional run-length
compression and 16-level alpha blending
• Programmable display output with scaling up
to 1920x1080 resolution, interlaced or
progressive, up to 120 Hz refresh
Block Diagram


Similar Part No. - EM8400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM84 ETC2-EM84 Datasheet
60Kb / 3P
   TUNING INDICATOR
logo
ELAN Microelectronics C...
EM84100 EMC-EM84100 Datasheet
157Kb / 6P
   CORDLESS MOUSE ENCODER
EM84100B EMC-EM84100B Datasheet
157Kb / 6P
   CORDLESS MOUSE ENCODER
EM84100E EMC-EM84100E Datasheet
153Kb / 7P
   CORDLESS MOUSE ENCODER
EM84100EB EMC-EM84100EB Datasheet
153Kb / 7P
   CORDLESS MOUSE ENCODER
More results

Similar Description - EM8400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM8470 ETC-EM8470 Datasheet
150Kb / 12P
   MPEG - 4 DECODER FOR SET-TOP DVD AND STREAMING APPLICATIONS
logo
Fujitsu Component Limit...
MB87M2141 FUJITSU-MB87M2141 Datasheet
83Kb / 2P
   MPEG-2 Decoder for Set-Top-Boxes
logo
STMicroelectronics
STB7100 STMICROELECTRONICS-STB7100 Datasheet
136Kb / 2P
   Low-cost set-top box decoder chip for MPEG-4 AVC and HD MPEG-2
STI5200 STMICROELECTRONICS-STI5200 Datasheet
181Kb / 7P
   Low-cost SDTV set-top box decoder for H.264/AVC and MPEG-2
STI7100 STMICROELECTRONICS-STI7100 Datasheet
205Kb / 9P
   Low cost HDTV set-top box decoder for H.264/AVC and MPEG-2
STI7110FTA STMICROELECTRONICS-STI7110FTA Datasheet
78Kb / 4P
   HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
STI5206 STMICROELECTRONICS-STI5206 Datasheet
90Kb / 4P
   Advanced SD decoder for set-top box applications
STI7111 STMICROELECTRONICS-STI7111 Datasheet
87Kb / 4P
   Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
STI5211 STMICROELECTRONICS-STI5211 Datasheet
108Kb / 4P
   Low-cost HDTV satellite set-top box decoder for Microsoft VC-1, H.264 and MPEG-2
STI5500 STMICROELECTRONICS-STI5500 Datasheet
317Kb / 11P
   SET TOP BOX / DVD BACKEND DECODER WITH INTEGRATED HOST PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com