Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7141L-2A-E4-A Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS7141L-2A-E4-A
Description  8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS7141L-2A-E4-A Datasheet(HTML) 5 Page - California Eastern Labs

  PS7141L-2A-E4-A Datasheet HTML 1Page - California Eastern Labs PS7141L-2A-E4-A Datasheet HTML 2Page - California Eastern Labs PS7141L-2A-E4-A Datasheet HTML 3Page - California Eastern Labs PS7141L-2A-E4-A Datasheet HTML 4Page - California Eastern Labs PS7141L-2A-E4-A Datasheet HTML 5Page - California Eastern Labs PS7141L-2A-E4-A Datasheet HTML 6Page - California Eastern Labs PS7141L-2A-E4-A Datasheet HTML 7Page - California Eastern Labs PS7141L-2A-E4-A Datasheet HTML 8Page - California Eastern Labs PS7141L-2A-E4-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PS7141-2A,PS7141L-2A
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise specified)
100
85
75
50
25
0
–25
20
60
80
100
40
0
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
f = 1 MHz
20
40
60
80
100
120
200
0
150
100
50
OUTPUT CAPACITANCE vs.
Applied Voltage VD (V)
LOAD CURRENT vs. LOAD VOLTAGE
Load Voltage VL (V)
IF = 10 mA
–4.0
–2.0
0
4.0
2.0
–100
–200
100
200
100
85
75
0
–25
50
25
200
300
100
0
Ambient Temperature TA (˚C)
MAXIMUM LOAD CURRENT vs.
AMBIENT TEMPERATURE
Applied Voltage VD (V)
OFF-STATE LEAKAGE CURRENT vs.
APPLIED VOLTAGE
APPLIED VOLTAGE
IF = 50 mA
30 mA
20 mA
10 mA
5 mA
1 mA
100
0
–25
25
50
75
1.0
1.4
1.6
1.8
1.2
0.8
Ambient Temperature TA (˚C)
AMBIENT TEMPERATURE
FORWARD VOLTAGE vs.
500
100
0
200
300
400
10
–7
10
–6
10
–5
10
–8
10
–9
25 ˚C
TA = 85 ˚C
Data Sheet PN10281EJ01V1DS
5


Similar Part No. - PS7141L-2A-E4-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7141L-2A-E4 RENESAS-PS7141L-2A-E4 Datasheet
221Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE ORMALLY OPEN TYPE
PS7141L-2A-E4 RENESAS-PS7141L-2A-E4 Datasheet
227Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
More results

Similar Description - PS7141L-2A-E4-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7142-2A CEL-PS7142-2A Datasheet
339Kb / 11P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7141-1C CEL-PS7141-1C Datasheet
368Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
NEC
PS7142-1C NEC-PS7142-1C Datasheet
75Kb / 12P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE, TRANSFER TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-1C RENESAS-PS7141-1C Datasheet
264Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
PS7142-1C RENESAS-PS7142-1C Datasheet
263Kb / 16P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE TRANSFER TYPE 2-ch Optical Coupled MOS FET
April 1st, 2010
logo
NEC
PS7160-2A NEC-PS7160-2A Datasheet
72Kb / 6P
   8-PIN DIP, 600 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7111-2A NEC-PS7111-2A Datasheet
71Kb / 12P
   8-PIN DIP, 100 V BREAK DOWN VOLTAGE 2-ch Optical Coupled MOS FET
PS7141E-2A NEC-PS7141E-2A Datasheet
104Kb / 13P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-2A RENESAS-PS7141-2A_15 Datasheet
227Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
PS7141E-2A RENESAS-PS7141E-2A_15 Datasheet
228Kb / 15P
   8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com