Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWLXTECD0QE000 Datasheet(PDF) 10 Page - Intel Corporation

Part # FWLXTECD0QE000
Description  Advanced 8-Port 10/100 Mbps PHY Transceivers
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FWLXTECD0QE000 Datasheet(HTML) 10 Page - Intel Corporation

Back Button FWLXTECD0QE000 Datasheet HTML 6Page - Intel Corporation FWLXTECD0QE000 Datasheet HTML 7Page - Intel Corporation FWLXTECD0QE000 Datasheet HTML 8Page - Intel Corporation FWLXTECD0QE000 Datasheet HTML 9Page - Intel Corporation FWLXTECD0QE000 Datasheet HTML 10Page - Intel Corporation FWLXTECD0QE000 Datasheet HTML 11Page - Intel Corporation FWLXTECD0QE000 Datasheet HTML 12Page - Intel Corporation FWLXTECD0QE000 Datasheet HTML 13Page - Intel Corporation FWLXTECD0QE000 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 226 page
background image
Contents
10
Datasheet
Document Number: 249241
Revision Number: 007
Revision Date: August 28, 2003
Revision History
Revision Number: 007
Revision Date: August 28, 2003
Page
Description
21
Modified Figure 2 “Intel® LXT9785 and Intel® LXT9785E RMII 208-Pin PQFP Assignments”.
22
Modified Table 2 “Intel® LXT9785/LXT9785E RMII PQFP Pin List”.
26
Modified Figure 3 “Intel® LXT9785/LXT9785E SMII 208-Pin PQFP Assignments”.
27
Modified Table 3 “Intel® LXT9785/LXT9785E SMII PQFP Pin List”.
31
Modified Figure 4 “Intel® LXT9785/LXT9785E SS-SMII 208-Pin PQFP Assignments”.
32
Modified Table 4 “Intel® LXT9785/LXT9785 SS-SMII PQFP Pin List”.
36
Modified Table 5 “Intel® LXT9785/LXT9785E RMII Signal Descriptions – PQFP”.
40
Modified Table 8 “Intel® LXT9785/LXT9785E SS-SMII Specific Signal Descriptions – PQFP”.
43
Modified Table 13 “Intel® LXT9785/LXT9785E Miscellaneous Signal Descriptions – PQFP”.
50
Modified Table 16 “Intel® LXT9785/LXT9785E Unused/Reserved Pins – PQFP”.
51
Replaced old Figures 5, 6, and 7 with Figure 5 “Intel® LXT9785/LXT9785E 241-Ball BGA23
Assignments (Top View)”.
52
Modified Table 18 “Intel® LXT9785/LXT9785E RMII BGA23 Ball List in Alphanumeric Order by
Signal Name”.
57
Modified Table 19 “Intel® LXT9785/LXT9785E RMII BGA23 Ball List in Alphanumeric Order by Ball
Location”.
62
Modified Table 20 “Intel® LXT9785/LXT9785E SMII BGA23 Ball List in Alphanumeric Order by
Signal Name”.
67
Modified Table 21 “Intel® LXT9785/LXT9785E SMII BGA23 Ball List in Alphanumeric Order by Ball
Location”
72
Modified Table 22 “Intel® LXT9785/LXT9785E SS-SMII BGA23 Ball List in Alphanumeric Order by
Signal Name”.
77
Modified Table 23 “Intel® LXT9785/LXT9785E SS-SMII BGA23 Ball List in Alphanumeric Order by
Ball Location”.
82
Modified Table 23 “Intel® LXT9785/LXT9785E SS-SMII BGA23 Ball List in Alphanumeric Order by
Ball Location”.
86
Modified Table 27 “Intel® LXT9785/LXT9785E SS-SMII Specific Signal Descriptions – BGA23”.
90
Modified Table 32 “Intel® LXT9785/LXT9785E Miscellaneous Signal Descriptions – BGA23”.
97
Modified Table 35 “Intel® LXT9785/LXT9785E Unused/Reserved Pins – BGA23”.
98
Added Section 3.5, “BGA15 Ball Assignments” (including Figure 6 “Intel® LXT9785MBC 196-Ball
BGA15 Assignments (Top View)”, Table 37 “Intel® LXT9785MBC BGA15 Ball List in Alphanumeric
Order by Signal Name” through Table 39 “Intel® LXT9785 BGA15 Signal Descriptions”.
116
Added second paragraph under Section 4.1, “Introduction”.
117
Added note under Section 4.1.2.1, “Sectionalization”.
119
Added note under Table 40 “Intel® LXT9785/LXT9785E MDIX Selection”.
119
Added note under Section 4.3, “Media Independent Interface (MII) Interfaces”.
120
Added note to Table 41 “Intel® LXT9785/LXT9785E MII Mode Select”.


Similar Part No. - FWLXTECD0QE000

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWL-20A20F COOPER-FWL-20A20F Datasheet
1Mb / 21P
   Ferrule fuses
FWL-20A20F COOPER-FWL-20A20F Datasheet
88Kb / 1P
   FWL/FWS 1250V/1500V
FWL-25A20F COOPER-FWL-25A20F Datasheet
1Mb / 21P
   Ferrule fuses
FWL-30A20F COOPER-FWL-30A20F Datasheet
1Mb / 21P
   Ferrule fuses
FWL-30A20F COOPER-FWL-30A20F Datasheet
88Kb / 1P
   FWL/FWS 1250V/1500V
More results

Similar Description - FWLXTECD0QE000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WBLXT9785HED0 ETC2-WBLXT9785HED0 Datasheet
1Mb / 244P
   Advanced 8-Port 10/100 Mbps PHY Transceivers
logo
Intel Corporation
LXT972M INTEL-LXT972M Datasheet
1Mb / 92P
   Single-Port 10/100 Mbps PHY Transceiver
logo
Advantech Co., Ltd.
EDG-6528 ADVANTECH-EDG-6528 Datasheet
63Kb / 1P
   8-port 10/100 Mbps Industrial Ethernet Switches
logo
List of Unclassifed Man...
EGLXT973QEA3V ETC2-EGLXT973QEA3V Datasheet
402Kb / 20P
   Cortina Systems짰 LXT973 10/100 Mbps Dual-Port Fast Ethernet PHY Transceiver
logo
Advantech Co., Ltd.
EKI-6538 ADVANTECH-EKI-6538 Datasheet
64Kb / 1P
   8-port 10/100 Mbps Industrial Smart Ethernet Switch
logo
List of Unclassifed Man...
BS-2108U ETC2-BS-2108U Datasheet
414Kb / 2P
   8-port Unmanaged Layer 2 100/10 Mbps Switch
KS8995 ETC-KS8995 Datasheet
43Kb / 2P
   5 Port 10/100 Switch with PHY
logo
Vitesse Semiconductor C...
VSC8538XHJ VITESSE-VSC8538XHJ Datasheet
252Kb / 2P
   Octal Port 10/100/1000BASE-T PHY
logo
Micrel Semiconductor
KS8997 MICREL-KS8997_07 Datasheet
620Kb / 39P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
KS8997 MICREL-KS8997 Datasheet
168Kb / 37P
   8-Port 10/100 Integrated Switch with PHY and Frame Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com