Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPI6L8951B20 Datasheet(PDF) 7 Page - PCA ELECTRONICS INC.

Part # EPI6L8951B20
Description  Contents Surface Mount Power Inductor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI6L8951B20 Datasheet(HTML) 7 Page - PCA ELECTRONICS INC.

Back Button EPI6L8951B20 Datasheet HTML 3Page - PCA ELECTRONICS INC. EPI6L8951B20 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPI6L8951B20 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPI6L8951B20 Datasheet HTML 6Page - PCA ELECTRONICS INC. EPI6L8951B20 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPI6L8951B20 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPI6L8951B20 Datasheet HTML 9Page - PCA ELECTRONICS INC. EPI6L8951B20 Datasheet HTML 10Page - PCA ELECTRONICS INC. EPI6L8951B20 Datasheet HTML 11Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Low loss material ensures operation in high frequency
switching converters, such as Buck, Boost or as output
averaging filter inductor
• Also suitable for use in high quality filter applications
• Up to 1 MHz Switching Frequency
• UL 94V-0 Recognized Materials
EPI B37F Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
10.4
14.6
24.9
56.0
82.6
99.4
151.7
219.3
330.6
470.9
Inductance
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
.020
.028
.048
.115
.172
.235
.371
.446
.691
1.021
Idc
(Amps)
4.0
3.2
2.5
1.7
1.4
1.3
1.0
.81
.65
.53
Part
Number
EPI100402B37F
EPI150322B37F
EPI250252B37F
EPI560172B37F
EPI820142B37F
EPI101132B37F
EPI151102B37F
EPI221811B37F
EPI331651B37F
EPI471531B37F
Inductance
(µH ± 15%)
@ Idc
9.2
13.4
23
50
75
90
135
198
308
448
Vt
(V-µsec)
@ 265 KHz
18.9
22.3
29.1
43.8
53.3
58.2
71.7
86.8
105.7
126.5
Temp. Rise
@ Idc
(°C Typ.)
50
47
48
52
53
60
57
47
47
46
.500 Max.
(12.70)
.395
(10.03)
.500
Max.
(12.70
.395
(10.03
.500
(12.70)
.060 (1.52)
Suggested
Pad
Latout
PCA
EPIXXXXXB37F
D.C.
.215
Max.
(5.46)
Note: Coplanarity within .005” Max.
CSIXXXXXXB37F
Rev. 3
12/17/02
• Core Loss @ Vt : 25 mW •


Similar Part No. - EPI6L8951B20

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI6L8951B20 PCA-EPI6L8951B20 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
More results

Similar Description - EPI6L8951B20

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com